Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30BQ015 Datasheet (PDF) - SMC Diode Solutions Co. LTD

30BQ015 Datasheet PDF - SMC Diode Solutions Co. LTD
Part # 30BQ015
Download  30BQ015 Download
File Size   260.54 Kbytes
Page   4 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description 30BQ015 SCHOTTKY RECTIFIER

30BQ015 Datasheet (PDF)

Go To PDF Page Download Datasheet
30BQ015 Datasheet PDF - SMC Diode Solutions Co. LTD

Part # 30BQ015
Download  30BQ015 Click to download

File Size   260.54 Kbytes
Page   4 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description 30BQ015 SCHOTTKY RECTIFIER

30BQ015 Datasheet (HTML) - SMC Diode Solutions Co. LTD


30BQ015 Product details

Features
Small foot print, surface moutable
Low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
Terminals finish: 100% Pure Tin
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request

Applications
Disk Drives
Switching power supply
Redundant power subsystems
Converters
Free-Wheeling diodes
Reverse battery protection
Battery Charging




Similar Part No. - 30BQ015

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30BQ015 IRF-30BQ015 Datasheet
64Kb / 2P
SCHOTTKY RECTIFIER, 3Amp
logo
Microsemi Corporation
30BQ015 MICROSEMI-30BQ015 Datasheet
101Kb / 2P
3 AMP SCHOTTKY ORING RECTIFIER
logo
Monolithic Power System...
30BQ015 MPS-30BQ015 Datasheet
253Kb / 10P
2A, 380 KHz Step-Down Converter
logo
Vishay Siliconix
30BQ015 VISHAY-30BQ015 Datasheet
102Kb / 6P
Schottky Rectifier, 3.0 A
14-Aug-08
logo
Sangdest Microelectroni...
30BQ015 SMC-30BQ015 Datasheet
137Kb / 5P
SCHOTTKY RECTIFIER
More results


Similar Description - 30BQ015

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com