Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DC2-150 Datasheet (PDF) - Integrated Power Designs Inc.

DC2-150 Datasheet PDF - Integrated Power Designs Inc.
Part # DC2-150
Download  DC2-150 Download
File Size   371.33 Kbytes
Page   2 Pages
Manufacturer  IPDPOWER [Integrated Power Designs Inc.]
Direct Link  https://www.ipdpower.com/
Logo IPDPOWER - Integrated Power Designs Inc.
Description 150 WATTS SINGLE/MULTI OUTPUT DC-DC

DC2-150 Datasheet (PDF)

Go To PDF Page Download Datasheet
DC2-150 Datasheet PDF - Integrated Power Designs Inc.

Part # DC2-150
Download  DC2-150 Click to download

File Size   371.33 Kbytes
Page   2 Pages
Manufacturer  IPDPOWER [Integrated Power Designs Inc.]
Direct Link  https://www.ipdpower.com/
Logo IPDPOWER - Integrated Power Designs Inc.
Description 150 WATTS SINGLE/MULTI OUTPUT DC-DC

DC2-150 Datasheet (HTML) - Integrated Power Designs Inc.


DC2-150 Product details

FEATURES:
• Compact 3.8" x 6" x 1.3" Size
• 2 Year Warranty
• 18-36VDC Input
• One to Four Outputs
• 4242VDC Reinforced Insulation
• Under/Overvoltage Lockout
• Size/Pin Compatible with REL-150Series
• IEC 60601-1 3rd ed. Medical Cert.
• IEC 62368-1 2nd ed. Certification
• 0-70°C Operating Temperature
• RoHS Compliant
• Optional Chassis/Cover
• Power Good Signal




Similar Part No. - DC2-150

ManufacturerPart #DatasheetDescription
logo
Integrated Power Design...
DC2-110 IPDPOWER-DC2-110 Datasheet
399Kb / 2P
110 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. W 10/06/2022
DC2-110-1001 IPDPOWER-DC2-110-1001 Datasheet
399Kb / 2P
110 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. W 10/06/2022
DC2-110-1002 IPDPOWER-DC2-110-1002 Datasheet
399Kb / 2P
110 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. W 10/06/2022
DC2-110-1003 IPDPOWER-DC2-110-1003 Datasheet
399Kb / 2P
110 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. W 10/06/2022
DC2-110-1004 IPDPOWER-DC2-110-1004 Datasheet
399Kb / 2P
110 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. W 10/06/2022
More results


Similar Description - DC2-150

ManufacturerPart #DatasheetDescription
logo
Powerbox
C300 POWERBOX-C300 Datasheet
376Kb / 1P
150 WATTS (AC) DC/DC SINGLE OUTPUT
PBIH-1205F POWERBOX-PBIH-1205F Datasheet
662Kb / 3P
15-150 WATTS DC/DC SINGLE OUTPUT
PSE250 POWERBOX-PSE250 Datasheet
235Kb / 2P
150 - 250 WATTS DC/DC SINGLE OUTPUT
logo
Integrated Power Design...
CE-150 IPDPOWER-CE-150 Datasheet
579Kb / 2P
150 WATTS SINGLE/MULTI OUTPUT AC-DC
REV V 10/6/2022
DC1-80 IPDPOWER-DC1-80 Datasheet
418Kb / 2P
80 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. C 10/06/2022
DC2-110 IPDPOWER-DC2-110 Datasheet
399Kb / 2P
110 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. W 10/06/2022
DC4-110 IPDPOWER-DC4-110 Datasheet
390Kb / 2P
110 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. W 10/06/2022
DC4-150 IPDPOWER-DC4-150 Datasheet
383Kb / 2P
150 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. V 10/06/2022
DC4-185 IPDPOWER-DC4-185 Datasheet
404Kb / 2P
185 WATTS SINGLE/MULTI OUTPUT DC-DC
Rev. W 10/06/2022
REL-150 IPDPOWER-REL-150 Datasheet
412Kb / 3P
150 WATTS SINGLE/MULTI OUTPUT AC-DC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com