Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMN15ENEX Datasheet (PDF) - Nexperia B.V. All rights reserved

PMN15ENEX Datasheet PDF - Nexperia B.V. All rights reserved
Part # PMN15ENEX
Download  PMN15ENEX Download
File Size   272.33 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 30 V, N-channel Trench MOSFET

PMN15ENEX Datasheet (PDF)

Go To PDF Page Download Datasheet
PMN15ENEX Datasheet PDF - Nexperia B.V. All rights reserved

Part # PMN15ENEX
Download  PMN15ENEX Click to download

File Size   272.33 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 30 V, N-channel Trench MOSFET

PMN15ENEX Datasheet (HTML) - Nexperia B.V. All rights reserved


PMN15ENEX Product details

1. General description
N-channel enhancement mode Field-Effect Transistor (FET) in a small SOT457 Surface-Mounted
Device (SMD) plastic package using Trench MOSFET technology.
2. Features and benefits
• Logic-level compatible
• Extended temperature range Tj = 175 °C
• Trench MOSFET technology
• ElectroStatic Discharge (ESD) protection > 2 kV HBM (class H2)
3. Applications
• Relay driver
• High-speed line driver
• Low-side load switch
• Switching circuits




Similar Part No. - PMN15ENEX

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMN100EPA NEXPERIA-PMN100EPA Datasheet
287Kb / 15P
60 V, P-channel Trench MOSFET
16 April 2020
PMN120ENE NEXPERIA-PMN120ENE Datasheet
270Kb / 15P
60 V, N-channel Trench MOSFET
14 December 2017
PMN120ENEA NEXPERIA-PMN120ENEA Datasheet
278Kb / 15P
60 V, N-channel Trench MOSFET
PMN16XNE NEXPERIA-PMN16XNE Datasheet
737Kb / 16P
20 V, N-channel Trench MOSFET
More results


Similar Description - PMN15ENEX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMPB11EN PHILIPS-PMPB11EN_15 Datasheet
273Kb / 15P
30 V N-channel Trench MOSFET
14 January 2014
PMZ390UNE PHILIPS-PMZ390UNE_15 Datasheet
221Kb / 14P
30 V, N-channel Trench MOSFET
12 March 2015
PMZ550UNE PHILIPS-PMZ550UNE_15 Datasheet
224Kb / 15P
30 V, N-channel Trench MOSFET
25 March 2015
PMZB550UNE PHILIPS-PMZB550UNE_15 Datasheet
224Kb / 15P
30 V, N-channel Trench MOSFET
25 March 2015
logo
Nexperia B.V. All right...
PMV20XNE NEXPERIA-PMV20XNE Datasheet
720Kb / 15P
30 V, N-channel Trench MOSFET
PMV25ENEA NEXPERIA-PMV25ENEA Datasheet
377Kb / 16P
30 V, N-channel Trench MOSFET
PMZ550UNE NEXPERIA-PMZ550UNE Datasheet
713Kb / 15P
30 V, N-channel Trench MOSFET
BUK4D60-30 NEXPERIA-BUK4D60-30 Datasheet
301Kb / 15P
30 V, N-channel Trench MOSFET
7 July 2020
BUK6D38-30E NEXPERIA-BUK6D38-30E Datasheet
284Kb / 15P
30 V, N-channel Trench MOSFET
12 April 2019
BUK6D72-30E NEXPERIA-BUK6D72-30E Datasheet
285Kb / 15P
30 V, N-channel Trench MOSFET
29 April 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com