Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMN28UNEX Datasheet (PDF) - Nexperia B.V. All rights reserved

PMN28UNEX Datasheet PDF - Nexperia B.V. All rights reserved
Part # PMN28UNEX
Download  PMN28UNEX Download
File Size   282.99 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 20 V, N-channel Trench MOSFET

PMN28UNEX Datasheet (PDF)

Go To PDF Page Download Datasheet
PMN28UNEX Datasheet PDF - Nexperia B.V. All rights reserved

Part # PMN28UNEX
Download  PMN28UNEX Click to download

File Size   282.99 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 20 V, N-channel Trench MOSFET

PMN28UNEX Datasheet (HTML) - Nexperia B.V. All rights reserved


PMN28UNEX Product details

1. General description
N-channel enhancement mode Field-Effect Transistor (FET) in a small SOT457 (SC-74) Surface-
Mounted Device (SMD) plastic package using Trench MOSFET technology.
2. Features and benefits
• Trench MOSFET technology
• Low threshold voltage
• Very fast switching
• ElectroStatic Discharge (ESD) protection > 2 kV HBM
3. Applications
• Relay driver
• High-speed line driver
• Low-side load switch
• Switching circuits




Similar Part No. - PMN28UNEX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMN28UN PHILIPS-PMN28UN Datasheet
237Kb / 12P
TrenchMOS??ultra low level FET
Rev. 01-27 September 2002
logo
Nexperia B.V. All right...
PMN28UN NEXPERIA-PMN28UN Datasheet
341Kb / 13P
TrenchMOS™ ultra low level FET
Rev. 01 - 27 September 2002
logo
VBsemi Electronics Co.,...
PMN28UN VBSEMI-PMN28UN Datasheet
475Kb / 9P
N-Channel 30 V (D-S) MOSFET
More results


Similar Description - PMN28UNEX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMZB150UNE PHILIPS-PMZB150UNE_15 Datasheet
228Kb / 15P
20 V, N-channel Trench MOSFET
24 March 2015
PMV16XN PHILIPS-PMV16XN_15 Datasheet
263Kb / 15P
20 V, N-channel Trench MOSFET
11 November 2014
PMXB43UNE PHILIPS-PMXB43UNE_15 Datasheet
253Kb / 15P
20 V, N-channel Trench MOSFET
19 September 2013
logo
Nexperia B.V. All right...
PMCM4401UNE NEXPERIA-PMCM4401UNE Datasheet
269Kb / 15P
20 V, N-channel Trench MOSFET
PMCM6501UNE NEXPERIA-PMCM6501UNE Datasheet
390Kb / 15P
20 V, N-channel Trench MOSFET
PMV16XN NEXPERIA-PMV16XN Datasheet
724Kb / 15P
20 V, N-channel Trench MOSFET
PMV30UN2 NEXPERIA-PMV30UN2 Datasheet
733Kb / 15P
20 V, N-channel Trench MOSFET
PMZ600UNE NEXPERIA-PMZ600UNE Datasheet
726Kb / 15P
20 V, N-channel Trench MOSFET
BUK4D16-20 NEXPERIA-BUK4D16-20 Datasheet
318Kb / 15P
20 V, N-channel Trench MOSFET
29 March 2021
PMPB23XNEA NEXPERIA-PMPB23XNEA Datasheet
299Kb / 14P
20 V, N-channel Trench MOSFET
27 March 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com