Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

44424019 Datasheet (PDF) - Lapp.

44424019 Datasheet PDF - Lapp.
Part # 44424019
Download  44424019 Download
File Size   138.93 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description MODULAR 6.0 MACHINED CONTACTS

44424019 Datasheet (PDF)

Go To PDF Page Download Datasheet
44424019 Datasheet PDF - Lapp.

Part # 44424019
Download  44424019 Click to download

File Size   138.93 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description MODULAR 6.0 MACHINED CONTACTS

44424019 Datasheet (HTML) - Lapp.


44424019 Product details

Description
 For inserts and modules of the rectangular connectors
 For use in the accuhydraulic Clinchtool
Klauke Type EK 60/22-L




Similar Part No. - 44424019

ManufacturerPart #DatasheetDescription
logo
Lapp.
44424010 LAPP-44424010 Datasheet
153Kb / 2P
EPIC® MC MODUL PNEUMATIC 2pole
17.09.2018
44424011 LAPP-44424011 Datasheet
153Kb / 2P
EPIC® MC MODUL PNEUMATIC 2pole
17.09.2018
44424012 LAPP-44424012 Datasheet
142Kb / 2P
EPIC® POWER MODULE MCS-HC 2 / MCB-HC 2
17.09.2018
44424013 LAPP-44424013 Datasheet
142Kb / 2P
EPIC® POWER MODULE MCS-HC 2 / MCB-HC 2
17.09.2018
44424014 LAPP-44424014 Datasheet
145Kb / 2P
EPIC® MODULAR 3.6 MACHINED CONTACTS 16mm2
17.09.2018
More results


Similar Description - 44424019

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AR14-HZL01-TT-R ASSMANN-AR14-HZL01-TT-R Datasheet
340Kb / 1P
TITLE IC-Socket, 14pin, Machined Contacts
logo
List of Unclassifed Man...
780-MYY-113RYY1 ETC2-780-MYY-113RYY1 Datasheet
329Kb / 4P
MALE-HIGH DENSITY-MACHINED CONTACTS-VERTICAL
781-MYY-113RYY1 ETC2-781-MYY-113RYY1 Datasheet
324Kb / 4P
MALE-HIGH DENSITY-MACHINED CONTACTS-RIGHT ANGLE
RM16M23K ETC2-RM16M23K Datasheet
1Mb / 4P
Size 16 solid machined contacts for TRIM TRIO connectors
logo
Assmann Electronics Inc...
AR24-HGL-7-TT-R ASSMANN-AR24-HGL-7-TT-R Datasheet
345Kb / 1P
IC-SOCKET, 24PIN, MACHINED CONTACTS
AR40-HGL-TT-R ASSMANN-AR40-HGL-TT-R Datasheet
340Kb / 1P
IC-SOCKET, 40PIN, MACHINED CONTACTS
logo
Lapp.
1121300C LAPP-1121300C Datasheet
88Kb / 1P
EPIC® MC 2.5 MACHINED CONTACTS
17.09.2018
11190000 LAPP-11190000 Datasheet
96Kb / 1P
EPIC® H-BE 2.5 CONTACTS MACHINED
16.11.2018
13162000 LAPP-13162000 Datasheet
99Kb / 1P
EPIC® H-D 1.6 Machined Contacts
17.09.2018
44424014 LAPP-44424014 Datasheet
145Kb / 2P
EPIC® MODULAR 3.6 MACHINED CONTACTS 16mm2
17.09.2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com