Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

90SQ Datasheet (PDF) - SMC Diode Solutions Co. LTD

90SQ Datasheet PDF - SMC Diode Solutions Co. LTD
Part # 90SQ
Download  90SQ Download
File Size   298.82 Kbytes
Page   4 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description 90SQ035/90SQ040/90SQ045 SCHOTTKY RECTIFIER

90SQ Datasheet (PDF)

Go To PDF Page Download Datasheet
90SQ Datasheet PDF - SMC Diode Solutions Co. LTD

Part # 90SQ
Download  90SQ Click to download

File Size   298.82 Kbytes
Page   4 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description 90SQ035/90SQ040/90SQ045 SCHOTTKY RECTIFIER

90SQ Datasheet (HTML) - SMC Diode Solutions Co. LTD


90SQ Product details

Features
150°C TJ operation
Low forward voltage drop
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and
moisture resistance
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
Terminals finish: 100% Pure Tin
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request

Applications
Switching power supply
Converters
Free-Wheeling diodes
Reverse battery protection




Similar Part No. - 90SQ

ManufacturerPart #DatasheetDescription
logo
International Rectifier
90SQ IRF-90SQ Datasheet
124Kb / 5P
SCHOTTKY RECTIFIER
logo
Sangdest Microelectroni...
90SQ SMC-90SQ Datasheet
130Kb / 5P
SCHOTTKY RECTIFIER
logo
Vishay Siliconix
90SQ030 VISHAY-90SQ030 Datasheet
106Kb / 6P
Schottky Rectifier, 9 A
07-Nov-08
logo
New Jersey Semi-Conduct...
90SQ030 NJSEMI-90SQ030 Datasheet
142Kb / 1P
Schottky Rectifiers
90SQ030 NJSEMI-90SQ030 Datasheet
59Kb / 1P
Schottky Rectifiers
More results


Similar Description - 90SQ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com