Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF601ZQL-AE2-R Datasheet (PDF) - Unisonic Technologies

UF601ZQL-AE2-R Datasheet PDF - Unisonic Technologies
Part # UF601ZQL-AE2-R
Download  UF601ZQL-AE2-R Download
File Size   463.36 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 0.185A, 600V N-CHANNEL DEPLETION-MODE POWER MOSFET

UF601ZQL-AE2-R Datasheet (PDF)

Go To PDF Page Download Datasheet
UF601ZQL-AE2-R Datasheet PDF - Unisonic Technologies

Part # UF601ZQL-AE2-R
Download  UF601ZQL-AE2-R Click to download

File Size   463.36 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 0.185A, 600V N-CHANNEL DEPLETION-MODE POWER MOSFET

UF601ZQL-AE2-R Datasheet (HTML) - Unisonic Technologies


UF601ZQL-AE2-R Product details

 DESCRIPTION
The UTC UF601ZQ is a N-channel power MOSFET using UTC’s
advanced technology to provide the customers with high switching
speed.

 FEATURES
* RDS(ON) ≤ 700 Ω @ VGS=0V, ID=3.0mA
* High Switching Speed




Similar Part No. - UF601ZQL-AE2-R

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF601 PANJIT-UF601 Datasheet
68Kb / 2P
ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 6.0 Amperes)
logo
Transys Electronics
UF601 TRSYS-UF601 Datasheet
156Kb / 2P
ULTRAFAST SWITCHING RECTIFIER
logo
DAESAN ELECTRONIC CORP.
UF601 DAESAN-UF601 Datasheet
325Kb / 2P
CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Unisonic Technologies
UF601 UTC-UF601 Datasheet
173Kb / 3P
0.185A, 600V N-CHANNEL DEPLETION-MODE POWER MOSFET
logo
SUNMATE electronic Co.,...
UF601 SUNMATE-UF601 Datasheet
340Kb / 2P
ULTRA FAST RECOVERY RECTIFIER DIODES
More results


Similar Description - UF601ZQL-AE2-R

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LND150 SUTEX-LND150 Datasheet
88Kb / 4P
N-Channel Depletion-Mode MOSFET
LND250 SUTEX-LND250 Datasheet
69Kb / 2P
N-Channel Depletion-Mode MOSFET
logo
Unisonic Technologies
UF601 UTC-UF601 Datasheet
173Kb / 3P
0.185A, 600V N-CHANNEL DEPLETION-MODE POWER MOSFET
logo
Bruckewell Technology L...
DMS05N60 BWTECH-DMS05N60 Datasheet
565Kb / 3P
N-Channel Depletion-Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM126 TSC-TSM126 Datasheet
601Kb / 7P
N-Channel Depletion-Mode MOSFET
logo
Unisonic Technologies
UF601 UTC-UF601_15 Datasheet
194Kb / 3P
N-CHANNEL DEPLETION-MODE POWER MOSFET
2N65-C UTC-2N65-C Datasheet
247Kb / 7P
N-CHANNEL DEPLETION-MODE POWER MOSFET
3N60K-MK UTC-3N60K-MK Datasheet
255Kb / 7P
N-CHANNEL DEPLETION-MODE POWER MOSFET
11N60K-MT UTC-11N60K-MT Datasheet
220Kb / 6P
N-CHANNEL DEPLETION-MODE POWER MOSFET
UF601Q UTC-UF601Q Datasheet
178Kb / 3P
N-CHANNEL DEPLETION-MODE POWER MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com