Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT3415 Datasheet (PDF) - Unisonic Technologies

UT3415 Datasheet PDF - Unisonic Technologies
Part # UT3415
Download  UT3415 Download
File Size   636.92 Kbytes
Page   9 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description -4.0A, -20V P-CHANNEL POWER MOSFET

UT3415 Datasheet (PDF)

Go To PDF Page Download Datasheet
UT3415 Datasheet PDF - Unisonic Technologies

Part # UT3415
Download  UT3415 Click to download

File Size   636.92 Kbytes
Page   9 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description -4.0A, -20V P-CHANNEL POWER MOSFET

UT3415 Datasheet (HTML) - Unisonic Technologies


UT3415 Product details

 DESCRIPTION
The UTC UT3415 is a P-channel MOS Field Effect
Transistor. it uses UTC’s advanced technology to provide the
customers with high switching speed and a minimum on-state
resistance.
The UTC UT3415 is suitable for high voltage switching
applications.

 FEATURES
* RDS(ON) ≤ 45 mΩ @ VGS=-4.5V, ID=-4.0A
RDS(ON) ≤ 62 mΩ @ VGS=-2.5V, ID=-4.0A
RDS(ON) ≤ 84 mΩ @ VGS=-1.8V, ID=-2.0A
RDS(ON) ≤ 105 mΩ @ VGS=-1.5V, ID=-1.0A
* High switching speed
* Low input capacitance




Similar Part No. - UT3415

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT3413 UTC-UT3413 Datasheet
241Kb / 5P
P-CHANNEL ENHANCEMENT MODE
UT3413G-AE2-R UTC-UT3413G-AE2-R Datasheet
241Kb / 5P
P-CHANNEL ENHANCEMENT MODE
UT3413G-AE2-R UTC-UT3413G-AE2-R Datasheet
251Kb / 5P
P-CHANNEL ENHANCEMENT MODE
UT3413G-AE3-R UTC-UT3413G-AE3-R Datasheet
241Kb / 5P
P-CHANNEL ENHANCEMENT MODE
UT3413G-AE3-R UTC-UT3413G-AE3-R Datasheet
251Kb / 5P
P-CHANNEL ENHANCEMENT MODE
More results


Similar Description - UT3415

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT8307 ANALOGICTECH-AAT8307 Datasheet
168Kb / 6P
20V P-Channel Power MOSFET
AAT8401 ANALOGICTECH-AAT8401 Datasheet
158Kb / 6P
20V P-Channel Power MOSFET
AAT8515 ANALOGICTECH-AAT8515 Datasheet
79Kb / 6P
20V P-Channel Power MOSFET
AAT8343 ANALOGICTECH-AAT8343_06 Datasheet
216Kb / 6P
20V P-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM260P02CX6 TSC-TSM260P02CX6 Datasheet
327Kb / 5P
20V P-Channel Power MOSFET
TSM500P02CX TSC-TSM500P02CX Datasheet
400Kb / 5P
20V P-Channel Power MOSFET
logo
Leshan Radio Company
LP1480WT1G LRC-LP1480WT1G Datasheet
489Kb / 5P
-20V P-Channel Power Mosfet
logo
Will Semiconductor Ltd.
WPM2080 WILLSEMI-WPM2080 Datasheet
1Mb / 8P
Single P-Channel, -20V, -4.0A, Power MOSFET
WNMD2166 WILLSEMI-WNMD2166 Datasheet
1Mb / 8P
Dual N-Channel, 20V, 4.0A, Power MOSFET
logo
KIA Semiconductor Techn...
3415 KIA-3415 Datasheet
122Kb / 5P
-4.0A竊?20V P-CHANNEL MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com