Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT50N06H Datasheet (PDF) - Unisonic Technologies

UTT50N06H Datasheet PDF - Unisonic Technologies
Part # UTT50N06H
Download  UTT50N06H Download
File Size   654.57 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 50A, 60V N-CHANNEL FAST SWITCHING MOSFET

UTT50N06H Datasheet (PDF)

Go To PDF Page Download Datasheet
UTT50N06H Datasheet PDF - Unisonic Technologies

Part # UTT50N06H
Download  UTT50N06H Click to download

File Size   654.57 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 50A, 60V N-CHANNEL FAST SWITCHING MOSFET

UTT50N06H Datasheet (HTML) - Unisonic Technologies


UTT50N06H Product details

 DESCRIPTION
The UTC UTT50N06H is a N-Channel MOSFET, it uses UTC’s
advanced technology to provide customers with a minimum on-state
resistance, high switching speed and low gate charge.
The UTC UTT50N06H is suitable for application in networking
DC-DC power system and LCD/LED back light, etc.

 FEATURES
* RDS(ON) ≤ 12 mΩ @ VGS=10V, ID=25A
* Low gate charge
* High switching speed




Similar Part No. - UTT50N06H

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT50N06 UTC-UTT50N06 Datasheet
358Kb / 8P
50A, 60V N-CHANNEL POWER MOSFET
UTT50N06G-TA3-T UTC-UTT50N06G-TA3-T Datasheet
358Kb / 8P
50A, 60V N-CHANNEL POWER MOSFET
UTT50N06G-TN3-R UTC-UTT50N06G-TN3-R Datasheet
358Kb / 8P
50A, 60V N-CHANNEL POWER MOSFET
UTT50N06G-TN3-T UTC-UTT50N06G-TN3-T Datasheet
358Kb / 8P
50A, 60V N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
UTT50N06L-TA3 ISC-UTT50N06L-TA3 Datasheet
257Kb / 2P
Isc N-Channel MOSFET Transistor
More results


Similar Description - UTT50N06H

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD10AN06A0 FAIRCHILD-FDD10AN06A0 Datasheet
236Kb / 11P
N-Channel PowerTrench MOSFET 60V, 50A, 10.5m?
FDD14AN06LA0 FAIRCHILD-FDD14AN06LA0 Datasheet
227Kb / 11P
N-Channel PowerTrench MOSFET 60V, 50A, 14.6mohm
logo
Renesas Technology Corp
RJF0612DPE RENESAS-RJF0612DPE Datasheet
98Kb / 8P
60V - 50A - N Channel Thermal FET Power Switching
RJF0612JPE RENESAS-RJF0612JPE Datasheet
115Kb / 8P
60V - 50A - N Channel Thermal FET Power Switching
logo
Fairchild Semiconductor
FDD10AN06A0_F085 FAIRCHILD-FDD10AN06A0_F085 Datasheet
390Kb / 11P
N-Channel PowerTrench MOSFET 60V, 50A, 10.5m
logo
Unisonic Technologies
UTT50N06 UTC-UTT50N06 Datasheet
358Kb / 8P
50A, 60V N-CHANNEL POWER MOSFET
logo
Renesas Technology Corp
RJF0612DPE RENESAS-RJF0612DPE_15 Datasheet
98Kb / 8P
60V - 50A - N Channel Thermal FET Power Switching
logo
First Components Intern...
FM50N06 FCI-FM50N06 Datasheet
271Kb / 5P
50A 60V N Channel Mosfet
logo
uPI Group Inc.
QM2N7002E3K1 UPI-QM2N7002E3K1 Datasheet
380Kb / 5P
N-Channel 60V Fast Switching MOSFET
logo
First Silicon Co., Ltd
FTK50N06DD FS-FTK50N06DD Datasheet
261Kb / 2P
N-Channel Power MOSFET (60V/50A)
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com