Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMPB100ENE Datasheet (PDF) - Nexperia B.V. All rights reserved

PMPB100ENE Datasheet PDF - Nexperia B.V. All rights reserved
Part # PMPB100ENE
Download  PMPB100ENE Download
File Size   321.51 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 30 V, N-channel MOSFET

PMPB100ENE Datasheet (PDF)

Go To PDF Page Download Datasheet
PMPB100ENE Datasheet PDF - Nexperia B.V. All rights reserved

Part # PMPB100ENE
Download  PMPB100ENE Click to download

File Size   321.51 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 30 V, N-channel MOSFET

PMPB100ENE Datasheet (HTML) - Nexperia B.V. All rights reserved


PMPB100ENE Product details

1. General description
N-channel enhancement mode Field-Effect Transistor (FET) in a leadless medium power
DFN2020MD-6 (SOT1220) Surface-Mounted Device (SMD) plastic package using Trench
MOSFET technology.
2. Features and benefits
• Extended temperature range Tj = 175 °C
• Small and leadless ultra thin SMD plastic package: 2 x 2 x 0.65 mm
• Tin-plated 100 % solderable side pads for optical solder inspection
• ElectroStatic Discharge (ESD) protection > 2 kV HBM
• Trench MOSFET technology
3. Applications
• Relay driver
• High-speed line driver
• Low-side load switch
• Switching circuits




Similar Part No. - PMPB100ENE

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMPB100XPEA NEXPERIA-PMPB100XPEA Datasheet
327Kb / 15P
20 V, P-channel Trench MOSFET
PMPB100XPEAX NEXPERIA-PMPB100XPEAX Datasheet
327Kb / 15P
20 V, P-channel Trench MOSFET
More results


Similar Description - PMPB100ENE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4356DY VISHAY-SI4356DY Datasheet
67Kb / 6P
N-Channel 30-V MOSFET
14-Apr-03
logo
ACE Technology Co., LTD...
ACE1430M ACE-ACE1430M Datasheet
484Kb / 7P
N-Channel 30-V MOSFET
VER 1.1
ACE7402M ACE-ACE7402M Datasheet
391Kb / 7P
N-Channel 30-V MOSFET
VER 1.1
ACE2308E ACE-ACE2308E Datasheet
381Kb / 6P
N-Channel 30-V MOSFET
VER 1.1
ACE4410M ACE-ACE4410M Datasheet
368Kb / 7P
N-Channel 30-V MOSFET
VER 1.1
ACE7438M ACE-ACE7438M Datasheet
398Kb / 7P
N-Channel 30-V MOSFET
VER 1.1
logo
Vishay Siliconix
SI4874BDY VISHAY-SI4874BDY_17 Datasheet
164Kb / 8P
N-Channel 30-V MOSFET
06-Apr-09
SI4874BDY VISHAY-SI4874BDY_V01 Datasheet
162Kb / 8P
N-Channel 30-V MOSFET
06-Apr-09
SI4430BD VISHAY-SI4430BD_V01 Datasheet
166Kb / 8P
N-Channel 30-V MOSFET
09-Feb-09
SI4430BDY VISHAY-SI4430BDY_V01 Datasheet
166Kb / 8P
N-Channel 30-V MOSFET
09-Feb-09
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com