Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7057 Datasheet (PDF) - ams AG

AS7057 Datasheet PDF - ams AG
Part # AS7057
Download  AS7057 Download
File Size   804.69 Kbytes
Page   13 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Biosignal Converting Unit

AS7057 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS7057 Datasheet PDF - ams AG

Part # AS7057
Download  AS7057 Click to download

File Size   804.69 Kbytes
Page   13 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Biosignal Converting Unit

AS7057 Datasheet (HTML) - ams AG


AS7057 Product details

Description
The AS7057 Biosignal Sensor Analog Frontend (AFE) is the next generation Vital Sign Sensor. It
enables the user to detect biosignals such as photoplethysmogram (PPG) and pulse transit time
(PTT), as well as proximity. PPG is the most used HRM method. It measures the pulse rate - by
sampling light modulated by the blood vessels, which expand and contract as blood pulses through
them. Apart from HRM/HRV, optical Blood Pressure and SpO2 are also enabled by the two
independent working photodiode inputs of the AS7057. The AS7057 is a size and performance
optimized analog frontend to support space-limited applications such as in-ear vital sign monitoring.
The AS7057 provides three LED driver outputs, samples up to three photodiode inputs, and supports
proximity detection integrated into one of the PPG signal channels. This enables high flexibility for
several LED and photodiode arrangements in different applications. Furthermore, the AS7057
Biosignal Sensor Analog Frontend provides two ADC channels for simultaneous PPG measurements
and an automatic photodiode offset control.
The AS7057’s low-power design and small form factor are particularly well-suited for application in
earbuds, fitness bands, smartwatches, sports watches, and smart patches. In these cases, board
space is limited, and users look for extended, multi-day intervals between battery recharges. A thin
package dimension makes the AS7057 suitable for height-constrained solutions like earbuds.

Features
Three LED drivers and three photodiode input
pins.
Small Wafer-Level-Chip-Scale-Package
WLCSP).
Two synchronized PPG acquisition channels.
Two independent, programmable sequence
blocks inside the PPG signal acquisition.
Low noise analog optical frontend.
Hardware sequencer to offload processor.
Adjustable LED driver with current control.

Applications
● Earbuds
● Hearables
● Optical sensor platform
● Fitness band
● Smart watch
● Smart patches
● Heart rate monitor
● Cuff-less optical blood pressure measurements




Similar Part No. - AS7057

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
AS7057 OSRAM-AS7057 Datasheet
1Mb / 14P
Biosignal Converting Unit
v1-00 2022-May-10
logo
ams-OSRAM AG
AS7057 AMSOSRAM-AS7057 Datasheet
1Mb / 14P
Biosignal Converting Unit
2022-May-10
logo
OSRAM GmbH
AS7057-BWLM OSRAM-AS7057-BWLM Datasheet
1Mb / 14P
Biosignal Converting Unit
v1-00 2022-May-10
logo
ams-OSRAM AG
AS7057-BWLM AMSOSRAM-AS7057-BWLM Datasheet
1Mb / 14P
Biosignal Converting Unit
2022-May-10
logo
OSRAM GmbH
AS7057-BWLT OSRAM-AS7057-BWLT Datasheet
1Mb / 14P
Biosignal Converting Unit
v1-00 2022-May-10
More results


Similar Description - AS7057

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2650 NJRC-NJM2650 Datasheet
62Kb / 6P
Dual Hall Amplifier IC for Converting Signals
logo
Microchip Technology
AN1025 MICROCHIP-AN1025 Datasheet
527Kb / 8P
Converting A 5.0V Supply Rail To A Regulated 3.0V
2006
logo
RF Micro Devices
AN0005 RFMD-AN0005 Datasheet
25Kb / 2P
Converting Field Strength to Power
logo
Renesas Technology Corp
M3T-FLX64-T RENESAS-M3T-FLX64-T Datasheet
323Kb / 1P
Board for converting direction by 90/180째
M3T-FLX100-T RENESAS-M3T-FLX100-T Datasheet
376Kb / 1P
Board for converting direction by 90/180째
logo
Altech corporation
2PPM ALTECH-2PPM Datasheet
158Kb / 1P
Push Push mechanism for converting spring return actuator into maintained 2PPM
logo
Analog Devices
MT-008 AD-MT-008 Datasheet
129Kb / 10P
Converting Oscillator Phase Noise to Time Jitter
Rev.A, 10/08, WK
logo
TriQuint Semiconductor
TGC4702-FC TRIQUINT-TGC4702-FC Datasheet
239Kb / 13P
77 GHz Down Converting IQ Mixer
TGC4702-FC TRIQUINT-TGC4702-FC_15 Datasheet
239Kb / 13P
77 GHz Down Converting IQ Mixer
logo
ams AG
AS7056 AMSCO-AS7056 Datasheet
834Kb / 13P
Biosignal Converting Unit
v1-00 2022-May-10
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com