Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN1008UFDFQ Datasheet (PDF) - Diodes Incorporated

DMN1008UFDFQ Datasheet PDF - Diodes Incorporated
Part # DMN1008UFDFQ
Download  DMN1008UFDFQ Download
File Size   548.25 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 12V N-CHANNEL ENHANCEMENT MODE MOSFET

DMN1008UFDFQ Datasheet (PDF)

Go To PDF Page Download Datasheet
DMN1008UFDFQ Datasheet PDF - Diodes Incorporated

Part # DMN1008UFDFQ
Download  DMN1008UFDFQ Click to download

File Size   548.25 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 12V N-CHANNEL ENHANCEMENT MODE MOSFET

DMN1008UFDFQ Datasheet (HTML) - Diodes Incorporated


DMN1008UFDFQ Product details

Features
 0.6mm Profile – Ideal for Low Profile Applications
 PCB Footprint of 4mm2
 Low Gate Threshold Voltage
 Fast Switching Speed
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
 The DMN1008UFDFQ is suitable for automotive applications
requiring specific change control; this part is AEC-Q101
qualified, PPAP capable, and manufactured in IATF 16949
certified facilities.




Similar Part No. - DMN1008UFDFQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN1008UFDF DIODES-DMN1008UFDF Datasheet
573Kb / 7P
12V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN1008UFDF-13 DIODES-DMN1008UFDF-13 Datasheet
573Kb / 7P
12V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN1008UFDF-7 DIODES-DMN1008UFDF-7 Datasheet
573Kb / 7P
12V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
More results


Similar Description - DMN1008UFDFQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN1019UFDE DIODES-DMN1019UFDE Datasheet
223Kb / 7P
12V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMN1260UFA DIODES-DMN1260UFA_15 Datasheet
372Kb / 6P
12V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMN1019UVT DIODES-DMN1019UVT_15 Datasheet
365Kb / 7P
12V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN1019USN DIODES-DMN1019USN_15 Datasheet
313Kb / 6P
12V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN1019UFDE DIODES-DMN1019UFDE_15 Datasheet
287Kb / 7P
12V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
DMN1019USN DIODES-DMN1019USN Datasheet
313Kb / 6P
12V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN1019UVT DIODES-DMN1019UVT Datasheet
365Kb / 7P
12V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN1008UFDF DIODES-DMN1008UFDF Datasheet
573Kb / 7P
12V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
Leshan Radio Company
LDN8102DT1AG LRC-LDN8102DT1AG Datasheet
700Kb / 3P
12V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMN14M8UFDF DIODES-DMN14M8UFDF Datasheet
737Kb / 7P
12V N-CHANNEL ENHANCEMENT MODE MOSFET
August 2021 Rev. 3 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com