Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN2005UFGQ Datasheet (PDF) - Diodes Incorporated

DMN2005UFGQ Datasheet PDF - Diodes Incorporated
Part # DMN2005UFGQ
Download  DMN2005UFGQ Download
File Size   562.19 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 20V N-CHANNEL ENHANCEMENT MODE MOSFET

DMN2005UFGQ Datasheet (PDF)

Go To PDF Page Download Datasheet
DMN2005UFGQ Datasheet PDF - Diodes Incorporated

Part # DMN2005UFGQ
Download  DMN2005UFGQ Click to download

File Size   562.19 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 20V N-CHANNEL ENHANCEMENT MODE MOSFET

DMN2005UFGQ Datasheet (HTML) - Diodes Incorporated


DMN2005UFGQ Product details

Features
 Low RDS(ON)—Ensures On-State Losses are Minimized
 Small-Form Factor Thermally Efficient Package Enables Higher
Density End Products
 Occupies 33% of the Board Area Occupied by SO-8 Enabling
Smaller End Product
 100% Unclamped Inductive Switching, Test in Production—
Ensures More Reliable And Robust End Application
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
 Qualified to AEC-Q101 Standards for High Reliability
 PPAP Capable (Note 4)




Similar Part No. - DMN2005UFGQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN2005UFG DIODES-DMN2005UFG Datasheet
518Kb / 7P
Qualified to AEC-Q101 Standards for High Reliability
Rev 3
DMN2005UFG-13 DIODES-DMN2005UFG-13 Datasheet
518Kb / 7P
Qualified to AEC-Q101 Standards for High Reliability
Rev 3
DMN2005UFG-7 DIODES-DMN2005UFG-7 Datasheet
518Kb / 7P
Qualified to AEC-Q101 Standards for High Reliability
Rev 3
DMN2005UFG DIODES-DMN2005UFG_15 Datasheet
344Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
Rev 2
More results


Similar Description - DMN2005UFGQ

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A01F ZETEX-ZXMN2A01F Datasheet
85Kb / 4P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2320 TSC-TSM2320 Datasheet
263Kb / 5P
20V N-Channel Enhancement Mode MOSFET
TSM2832 TSC-TSM2832 Datasheet
170Kb / 5P
20V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN2302N3 CYSTEKEC-MTN2302N3 Datasheet
212Kb / 5P
20V N-CHANNEL Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXMN2A01E6 ZETEX-ZXMN2A01E6_06 Datasheet
198Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN2300N3 CYSTEKEC-MTN2300N3 Datasheet
476Kb / 5P
20V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXM62N02E6 DIODES-ZXM62N02E6 Datasheet
192Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
JUNE 2004
ZXMN2A01F DIODES-ZXMN2A01F Datasheet
223Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
FEBRUARY 2006
ZXMN2A03E6 DIODES-ZXMN2A03E6 Datasheet
203Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
SEPTEMBER 2005
logo
Cystech Electonics Corp...
MTA090N02KC3 CYSTEKEC-MTA090N02KC3 Datasheet
395Kb / 8P
20V N-Channel Enhancement Mode MOSFET
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com