Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF040 Datasheet (PDF) - Silicon Storage Technology, Inc

SST25VF040 Datasheet PDF - Silicon Storage Technology, Inc
Part # SST25VF040
Download  SST25VF040 Download
File Size   379.03 Kbytes
Page   23 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description 2 Mbit / 4 Mbit SPI Serial Flash

SST25VF040 Datasheet (PDF)

Go To PDF Page Download Datasheet
SST25VF040 Datasheet PDF - Silicon Storage Technology, Inc

Part # SST25VF040
Download  SST25VF040 Click to download

File Size   379.03 Kbytes
Page   23 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description 2 Mbit / 4 Mbit SPI Serial Flash

SST25VF040 Datasheet (HTML) - Silicon Storage Technology, Inc


SST25VF040 Product details

PRODUCT DESCRIPTION

SST’s serial flash family features a four-wire, SPI-compatible interface that allows for a low pin-count package occupying less board space and ultimately lowering total system costs. SST25VF020/040 SPI serial flash memo ries are manufactured with SST’s proprietary, high performance CMOS SuperFlash Technology. The split-gate cell design and thick-oxide tunneling injector attain better reliability and manufacturability compared with alternate approaches.



FEATURES:

• Single 2.7-3.6V Read and Write Operations

• Serial Interface Architecture

– SPI Compatible: Mode 0 and Mode 3

• 20 MHz Max Clock Frequency

• Superior Reliability

– Endurance: 100,000 Cycles (typical)

– Greater than 100 years Data Retention

• Low Power Consumption:

– Active Read Current: 7 mA (typical)

– Standby Current: 8 µA (typical)

• Flexible Erase Capability

– Uniform 4 KByte sectors

– Uniform 32 KByte overlay blocks

• Fast Erase and Byte-Program:

– Chip-Erase Time: 70 ms (typical)

– Sector- or Block-Erase Time: 18 ms (typical)

– Byte-Program Time: 14 µs (typical)

• Auto Address Increment (AAI) Programming

– Decrease total chip programming time over Byte-Program operations

• End-of-Write Detection

– Software Status

• Hold Pin (HOLD#)

– Suspends a serial sequence to the memory without deselecting the device

• Write Protection (WP#)

– Enables/Disables the Lock-Down function of the status register

• Software Write Protection

– Write protection through Block-Protection bits in status register

• Temperature Range

– Commercial: 0°C to +70°C

– Industrial: -40°C to +85°C

– Extended: -20°C to +85°C

• Packages Available

– 8-lead SOIC 150 mil body width for SST25VF020

– 8-lead SOIC 200 mil body width for SST25VF040

– 8-contact WSON (5mm x 6mm)



 




Similar Part No. - SST25VF040

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF040 SST-SST25VF040 Datasheet
472Kb / 23P
4 Mbit SPI Serial Flash
SST25VF040-20-4C-QAE SST-SST25VF040-20-4C-QAE Datasheet
658Kb / 24P
2 Mbit / 4 Mbit SPI Serial Flash
SST25VF040-20-4C-QAE SST-SST25VF040-20-4C-QAE Datasheet
472Kb / 23P
4 Mbit SPI Serial Flash
SST25VF040-20-4C-S2AE SST-SST25VF040-20-4C-S2AE Datasheet
658Kb / 24P
2 Mbit / 4 Mbit SPI Serial Flash
SST25VF040-20-4C-S2AE SST-SST25VF040-20-4C-S2AE Datasheet
472Kb / 23P
4 Mbit SPI Serial Flash
More results


Similar Description - SST25VF040

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF020 SST-SST25VF020 Datasheet
658Kb / 24P
2 Mbit / 4 Mbit SPI Serial Flash
SST25LF020A SST-SST25LF020A Datasheet
300Kb / 26P
2 Mbit / 4 Mbit SPI Serial Flash
SST25VF040B SST-SST25VF040B Datasheet
350Kb / 28P
4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020_06 Datasheet
397Kb / 23P
2 Mbit / 4 Mbit SPI Serial Flash
SST25LF020A SST-SST25LF020A_10 Datasheet
620Kb / 25P
2 Mbit SPI Serial Flash
SST25VF020B SST-SST25VF020B Datasheet
887Kb / 33P
2 Mbit SPI Serial Flash
SST25VF040 SST-SST25VF040_10 Datasheet
472Kb / 23P
4 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B_11 Datasheet
3Mb / 35P
2 Mbit SPI Serial Flash
2011 Silicon
SST25VF020B MICROCHIP-SST25VF020B_13 Datasheet
346Kb / 36P
2 Mbit SPI Serial Flash
2013 04/13
SST25VF020B MICROCHIP-SST25VF020B Datasheet
1Mb / 33P
2-Mbit SPI Serial Flash
Revision D / March 2020
More results




About Silicon Storage Technology, Inc


Silicon Storage Technology, Inc. (SST) was an American technology company that specialized in the design and manufacture of non-volatile memory solutions, including flash memory and microcontrollers.
The company was founded in 1991 and had its headquarters in Sunnyvale, California.
SST was known for its innovative technology and high-quality products, and it had a strong reputation in the memory and storage industry.
In 2010, SST was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
Today, SST operates as a subsidiary of Microchip and continues to provide non-volatile memory solutions for a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com