Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CH7513A Datasheet (PDF) - Chrontel, Inc.

CH7513A Datasheet PDF - Chrontel, Inc.
Part # CH7513A
Download  CH7513A Download
File Size   217.51 Kbytes
Page   8 Pages
Manufacturer  CHRONTEL [Chrontel, Inc.]
Direct Link  http://www.chrontel.com/
Logo CHRONTEL - Chrontel, Inc.
Description CH7513A DP/eDP to LVDS or DP/eDP Converter

CH7513A Datasheet (PDF)

Go To PDF Page Download Datasheet
CH7513A Datasheet PDF - Chrontel, Inc.

Part # CH7513A
Download  CH7513A Click to download

File Size   217.51 Kbytes
Page   8 Pages
Manufacturer  CHRONTEL [Chrontel, Inc.]
Direct Link  http://www.chrontel.com/
Logo CHRONTEL - Chrontel, Inc.
Description CH7513A DP/eDP to LVDS or DP/eDP Converter

CH7513A Datasheet (HTML) - Chrontel, Inc.


CH7513A Product details

FEATURES GENERAL DESCRIPTION
 Supports DisplayPort (DP) Specification version 1.3
and Embedded DisplayPort (eDP) Specification version
1.4.
 Support 2 Main Link Lanes at either 1.62Gb/s or
2.7Gb/s link rate
 Supports input color depth 6, 8-bit per pixel in RGB
format
 Supports Enhanced Framing Mode
 Support VESA and CEA timing standards up to
1920x1200 resolution in 8-bit input with 60Hz refresh
rate
 Support dynamic refresh rate switching
 Fast and full Link Training for embedded DisplayPort
system
 Support eDP Authentication: Alternative Scramble Seed
Reset and Alternative Framing
 2 Lane DP/eDP bypass supported with high speed
buffer/switch integrated, pass through AUX CH/HPD in
eDP / DP bypass application
 2 work modes: connect 27MHz crystal, inject 27MHz
clock
 De-SSC supported
 High-speed Mux integrated to support DP/eDP output
pin-multiplexed with LVDS output
 Programmable LCD panel power sequence
 Support 18-bit Single Port, 18-bit Dual Port, 24-bit
Single Port and 24-bit Dual Port LVDS output interface
 Support both OpenLDI and SPWG bit mapping for
LVDS application
 Support panel select by GPIO pins control or writing
the chip registers.
 Support flexible LVDS output pin swapping for top or
bottom mount PCBs
 Support internal test pattern
 Blank panel during invalid input
 Supports PWM Backlight luminance level control
through AUX channel, PWM pin and BLUP/BLDN pin
 Support Dynamic Backlight Control
 Hot Plug Detection
 Aux switch integrated
 Loads Boot ROM automatically upon power up
 Serial BOOT ROM data updated through I2C bus or
AUX Channel
 Support power management mechanism through AUX
 Offered in a 68-pin QFN package
Chrontel’s CH7513A is a low-cost, low-power semiconductor
device that translates the Embedded DisplayPort signal to the
LVDS (Low-voltage Differential Signaling). This innovative
DisplayPort receiver with an integrated LVDS transmitter is
specially designed to target the All-In-One PC and the notebook
market segments. Through the CH7513A’s advanced decoding /
encoding algorithm, the input DP/eDP high-speed serialized
video data can be seamlessly converted to LVDS, a popular
display technology for high-speed serial links in mid/large-sized
LCD displays. Leveraging the DP/eDP’s unique source/sink
“Link Training” routine, the CH7513A is capable of instantly
bring up the video display to the LCD when the initialization
process is completed between CH7513A and the graphic chip.
The CH7513A is designed to meet the DisplayPort (DP)
Specification version 1.3 and the Embedded DisplayPort
Specification version 1.4. In the device’s receiver block, which
supports two DP/eDP Main Link Lanes input with data rate
running at either 1.62Gb/s or 2.7Gb/s, can accept RGB digital
formats in either 18-bit 6:6:6 or 24-bit 8:8:8 for LVDS output up
to 1920x1200. To comply with GPU’s new power saving
scheme such as display frame rate reduction, the CH7513A is
equipped with the Dynamic Refresh Rate switching method,
which can automatically reduce to the low refresh rate supported
by the LVDS panel.
The integrated LVDS transmitter supports the single port and
the dual ports LVDS outputs to drive display resolution up to
WUXGA (1920x1200). CH7513A supports panel select by
GPIO[0:3] pins control or writing the chip registers. To reduce
EMI emission, the CH7513A’s LVDS encoder block has
incorporated Spread Spectrum control and its spread percentage
can be adjusted through the internal registers.
The Backlight On/Off and the PWM are two luminance control
functions designed in the CH7513A LVDS power control
module. The brightness control commands sent through AUX
Channel can be dynamically translated by CH7513A and
converted into LCD backlight control signal. The CH7513A will
save the last setting of brightness level into the BOOT ROM and
restore it upon power up. The CH7513A can dynamically adjust
backlight brigntness according to video stream to save power
consumption and it supports OSD display in this way.
The CH7513A will immediately convert the DP/eDP signal to
LVDS output after DP/eDP Link Training is completed. This
feature can be achieved by loading the panel’s EDID and the
CH7513A’s configuration settings in the serial BOOT ROM
connected to the CH7513A. During system power-up and upon
completion of the DP/eDP Link Training through AUX
Channel, CH7513A will generate LVDS signal according to the
panel power-up timing sequencing stored in the BOOT ROM.




Similar Part No. - CH7513A

ManufacturerPart #DatasheetDescription
logo
Chrontel, Inc.
CH7511B CHRONTEL-CH7511B Datasheet
203Kb / 7P
CH7511B eDP to LVDS Converter
Rev. 1.2 07/15/2020
CH7511B-BF CHRONTEL-CH7511B-BF Datasheet
203Kb / 7P
CH7511B eDP to LVDS Converter
Rev. 1.2 07/15/2020
CH7511B-BFI CHRONTEL-CH7511B-BFI Datasheet
203Kb / 7P
CH7511B eDP to LVDS Converter
Rev. 1.2 07/15/2020
CH7515 CHRONTEL-CH7515 Datasheet
249Kb / 8P
CH7515 4 Lane eDP to 4 Channel LVDS Monitor Controller
Rev 1.1 2020-7-14
CH7515A-TF CHRONTEL-CH7515A-TF Datasheet
249Kb / 8P
CH7515 4 Lane eDP to 4 Channel LVDS Monitor Controller
Rev 1.1 2020-7-14
More results


Similar Description - CH7513A

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-224 ADVANTECH-AIMB-224 Datasheet
695Kb / 2P
AMD R-series Quad Core/Dual Core Mini-ITX with VGA/LVDS/DP/eDP, 6 COM and Dual LAN
AIMB-225 ADVANTECH-AIMB-225 Datasheet
2Mb / 2P
AMD G-series Quad Core Mini-ITX with DVI-I/LVDS/DP/eDP, 5 COM, and Dual LAN
AIMB-231 ADVANTECH-AIMB-231 Datasheet
815Kb / 2P
Intel짰 Core??i7-5650U/i5-5350U/i3-5010U/Celeron 3765U Mini-ITX with LVDS(eDP)/DP(HDMI)/DP, 2 COM, and Dual LAN
AIMB-274 ADVANTECH-AIMB-274 Datasheet
1,009Kb / 2P
Intel짰 Core??i7/i5/i3 LGA 1150 Mini-ITX with VGA/DP/HDMI(DP)/LVDS(eDP),2 COM, Dual LAN, PCIe x16
logo
Texas Instruments
SN65DSI86-Q1 TI1-SN65DSI86-Q1 Datasheet
1Mb / 81P
MIPI DSI to eDP Bridge
logo
NXP Semiconductors
PTN3460 NXP-PTN3460 Datasheet
417Kb / 32P
eDP to LVDS bridge IC
Rev. 4-12 March 2014
PTN3460I NXP-PTN3460I Datasheet
1Mb / 42P
eDP to LVDS bridge for industrial and embedded applications
Rev. 2.1-16 August 2016
logo
Advantech Co., Ltd.
AIMB-218 ADVANTECH-AIMB-218 Datasheet
4Mb / 6P
Intel Pentium , Celeron & Atom Mini-ITX with HDMI/DP/eDP or LVDS, 6 COM, and Dual LAN
11-Aug-2022
logo
Kinetic Technologies.
MCDP5290 KINETIC-MCDP5290 Datasheet
234Kb / 5P
DisplayPort1.4a to DP Protocol Converter
September 2020 - Revision 03c
logo
Chrontel, Inc.
CH7511B CHRONTEL-CH7511B Datasheet
203Kb / 7P
CH7511B eDP to LVDS Converter
Rev. 1.2 07/15/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com