Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRTR5V0U4AD Datasheet (PDF) - Nexperia B.V. All rights reserved

PRTR5V0U4AD Datasheet PDF - Nexperia B.V. All rights reserved
Part # PRTR5V0U4AD
Download  PRTR5V0U4AD Download
File Size   170.58 Kbytes
Page   8 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Integrated quad ultra-low capacitance ESD protection

PRTR5V0U4AD Datasheet (PDF)

Go To PDF Page Download Datasheet
PRTR5V0U4AD Datasheet PDF - Nexperia B.V. All rights reserved

Part # PRTR5V0U4AD
Download  PRTR5V0U4AD Click to download

File Size   170.58 Kbytes
Page   8 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Integrated quad ultra-low capacitance ESD protection

PRTR5V0U4AD Datasheet (HTML) - Nexperia B.V. All rights reserved


PRTR5V0U4AD Product details

1.1 General description
The PRTR5V0U4AD is designed to protect Input/Output (I/O) ports that are sensitive
concerning capacitive load, such as USB 2.0, Ethernet, Digital Video Interface (DVI), etc.
from destruction by ElectroStatic Discharges (ESD). It provides protection to downstream
signal and supply components from ESD voltages as high as ±8 kV (contact discharge).
The PRTR5V0U4AD incorporates four pairs of ultra-low capacitance rail-to-rail diodes
plus an additional Zener diode. The rail-to-rail diodes are connected to the Zener diode
which allows ESD protection to be independent of the availability of a supply voltage.
The PRTR5V0U4AD is fabricated using thin film-on-silicon technology integrating four
ultra-low capacitance rail-to-rail ESD protection diodes in a miniature 6-lead SOT457
package.
1.2 Features
n ESD protection compliant to IEC 61000-4-2 level 4, ±8 kV contact discharge
n Low voltage clamping due to integrated Zener diode
n Four ultra-low input capacitance (1 pF typical) rail-to-rail ESD protection diodes
n Small 6-lead SOT457 package
1.3 Applications
n General-purpose downstream ESD protection of high frequency analog signals and
high-speed serial data transmission for ports inside:
u Cellular mobile handsets
u USB 2.0 and IEEE 1394 ports in PC or notebook
u Interfaces: DVI and High Definition Multimedia Interface (HDMI)
u Cordless telephones
u Wireless data systems: Wide Area Network (WAN) and Local Area Network (LAN)
u Personal Digital Assistants (PDAs)




Similar Part No. - PRTR5V0U4AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PRTR5V0U4AD NXP-PRTR5V0U4AD Datasheet
55Kb / 7P
Integrated quad ultra-low capacitance ESD protection
Rev. 01-17 December 2007
More results


Similar Description - PRTR5V0U4AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PRTR5V0U4D NXP-PRTR5V0U4D Datasheet
54Kb / 7P
Integrated quad ultra-low capacitance ESD protection
Rev. 01-11 January 2008
PRTR5V0U4Y NXP-PRTR5V0U4Y Datasheet
72Kb / 10P
Integrated quad ultra-low capacitance ESD protection
Rev. 01-8 May 2008
PRTR5V0U4AD NXP-PRTR5V0U4AD Datasheet
55Kb / 7P
Integrated quad ultra-low capacitance ESD protection
Rev. 01-17 December 2007
logo
Unisonic Technologies
UPRTR5V0U4D UTC-UPRTR5V0U4D Datasheet
214Kb / 6P
INTEGRATED QUAD ULTRA-LOW CAPACITANCE ESD PROTECTION
logo
Pan Jit International I...
PJE5V0U8TB-AU PANJIT-PJE5V0U8TB-AU Datasheet
288Kb / 6P
Ultra Low Capacitance ESD Protection
logo
FutureWafer Tech Co.,Lt...
ESD3LC-0.4PF FUTUREWAFER-ESD3LC-0.4PF Datasheet
824Kb / 4P
Ultra low capacitance ESD Protection
logo
ON Semiconductor
ESD7571 ONSEMI-ESD7571 Datasheet
132Kb / 6P
Ultra-Low Capacitance ESD Protection
October, 2016 ??Rev. 0
logo
Shanghai Yint Electroni...
ESD040205P015 YINT-ESD040205P015 Datasheet
502Kb / 4P
Ultra Low Capacitance ESD Protection
logo
Pan Jit International I...
PE1605S1Q PANJIT-PE1605S1Q Datasheet
268Kb / 5P
ULTRA LOW CAPACITANCE ESD PROTECTION
January 22,2019-REV.00
logo
Nexperia B.V. All right...
PRTR5V0U4Y NEXPERIA-PRTR5V0U4Y Datasheet
187Kb / 11P
Integrated quad ultra-low capacitance ESD protection
Rev. 01 - 8 May 2008
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com