Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1128660 Datasheet (PDF) - PHOENIX CONTACT

1128660 Datasheet PDF - PHOENIX CONTACT
Part # 1128660
Download  1128660 Download
File Size   349.7 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DMCC 0,5/ 2-ST-SH 7,0-2,54 - PCB connector

1128660 Datasheet (PDF)

Go To PDF Page Download Datasheet
1128660 Datasheet PDF - PHOENIX CONTACT

Part # 1128660
Download  1128660 Click to download

File Size   349.7 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DMCC 0,5/ 2-ST-SH 7,0-2,54 - PCB connector

1128660 Datasheet (HTML) - PHOENIX CONTACT


1128660 Product details

PCB connector, nominal cross section: 0.34 mm2, color: black, nominal current: 5 A, rated
voltage (III/2): 160 V, contact connection type: Socket, number of potentials: 4, number of rows:
2, number of positions: 2, number of connections: 4, product range: DMCC 0,5/..-ST-SH, pitch: 2.
54 mm, connection method: Crimp connection, conductor/PCB connection direction: 0 °, plug-in
system: COMBICON DFMC 0,5 shielded, Electrical properties: shielded, locking: shielded
connection, mounting: without, type of packaging: packed in cardboard, Suitable for CAT5

Your advantages
• Cost-effective connection of crimped conductors in large quantities
• Gold-plated contacts ensure transfer quality remains stable over the long term
• Contacts arranged in a double row enable high packing density in a compact area
• Tools for manual and automatic crimping available as an option




Similar Part No. - 1128660

ManufacturerPart #DatasheetDescription
logo
Ashcroft, Inc.
1128 ASHCROFT-1128 Datasheet
828Kb / 5P
1127/1128 Differential Pressure Gauge
RevF_11-08-22
logo
Adafruit Industries
1128 ADAFRUIT-1128 Datasheet
71Kb / 1P
Copper Foil Tape with Conductive Adhesive - 6mm x 15 meter roll
6-23-17
logo
HellermannTyton.
1128-1-G HELLERMANNTYTON-1128-1-G Datasheet
2Mb / 70P
NorthAmericanProductGuide
logo
RAF ELECTRONIC HARDWARE
1128-4-AL RAF-1128-4-AL Datasheet
48Kb / 1P
1/4 ROUND SPACERS
logo
HellermannTyton.
1128-4-GP HELLERMANNTYTON-1128-4-GP Datasheet
2Mb / 70P
NorthAmericanProductGuide
More results


Similar Description - 1128660

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1027603 PHOENIX-1027603 Datasheet
696Kb / 13P
DMCC 0,5/ 2-ST-2,54
1027605 PHOENIX-1027605 Datasheet
809Kb / 13P
DMCC 0,5/ 3-ST-2,54
1027606 PHOENIX-1027606 Datasheet
940Kb / 13P
DMCC 0,5/ 4-ST-2,54
1027609 PHOENIX-1027609 Datasheet
1Mb / 13P
DMCC 0,5/ 7-ST-2,54
1027613 PHOENIX-1027613 Datasheet
1Mb / 13P
DMCC 0,5/11-ST-2,54
1027616 PHOENIX-1027616 Datasheet
2Mb / 13P
DMCC 0,5/14-ST-2,54
1027618 PHOENIX-1027618 Datasheet
2Mb / 13P
DMCC 0,5/16-ST-2,54
1097555 PHOENIX-1097555 Datasheet
107Kb / 4P
DMCC 0,5/ 2-SHIELD 7,0-2,54 - Accessories
1150660 PHOENIX-1150660 Datasheet
105Kb / 4P
DMCC 0,5/ 2-SHIELD L 7,0-2,54 - Accessories
1145726 PHOENIX-1145726 Datasheet
552Kb / 14P
DMCC 0,5/ 4-ST-SHL 7,0-2,54 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com