Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1244464 Datasheet (PDF) - PHOENIX CONTACT

1244464 Datasheet PDF - PHOENIX CONTACT
Part # 1244464
Download  1244464 Download
File Size   194.45 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SH-20KP0,25-2,50 - Crimp contact

1244464 Datasheet (PDF)

Go To PDF Page Download Datasheet
1244464 Datasheet PDF - PHOENIX CONTACT

Part # 1244464
Download  1244464 Click to download

File Size   194.45 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SH-20KP0,25-2,50 - Crimp contact

1244464 Datasheet (HTML) - PHOENIX CONTACT


1244464 Product details

Crimp contact, Pin, turned, contact diameter: 2 mm, crimp range: 0.25 mm2 ... 2.5 mm2, Item is
lead-free in accordance with RoHS II without Exemption 6c (Pb <0.1%)

Your advantages
• Crimping connection: vibration- and temperature-resistant assembly
• High tensile strength of the connection
• Low contact resistance
• Easy production monitoring




Similar Part No. - 1244464

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1244461 PHOENIX-1244461 Datasheet
197Kb / 5P
SH-20KS0,25-2,50 - Crimp contact
1244466 PHOENIX-1244466 Datasheet
361Kb / 11P
CA-63P1N129008X - Coupler connector
More results


Similar Description - 1244464

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
CDH-C-MT-R ADAM-TECH-CDH-C-MT-R Datasheet
72Kb / 1P
CRIMP CONTACT
MTC-C-X ADAM-TECH-MTC-C-X Datasheet
36Kb / 1P
CRIMP CONTACT
MTE-XX ADAM-TECH-MTE-XX Datasheet
34Kb / 1P
CRIMP CONTACT
MTE-XX-PB ADAM-TECH-MTE-XX-PB Datasheet
69Kb / 1P
CRIMP CONTACT
MTZ-C-LT-G-15-R ADAM-TECH-MTZ-C-LT-G-15-R Datasheet
67Kb / 1P
CRIMP CONTACT
logo
PHOENIX CONTACT
1008163 PHOENIX-1008163 Datasheet
292Kb / 6P
SH-Z0014 - Contact insert
1244461 PHOENIX-1244461 Datasheet
197Kb / 5P
SH-20KS0,25-2,50 - Crimp contact
1008161 PHOENIX-1008161 Datasheet
291Kb / 6P
SH-Z0012 - Contact insert
1244458 PHOENIX-1244458 Datasheet
192Kb / 5P
SH-08KP0,06-0,34 - Crimp contact
1243356 PHOENIX-1243356 Datasheet
191Kb / 5P
ST-20KP0,25-2,50/VPE1000 - Crimp contact
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com