Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1402764 Datasheet (PDF) - PHOENIX CONTACT

1402764 Datasheet PDF - PHOENIX CONTACT
Part # 1402764
Download  1402764 Download
File Size   462.95 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description VS-FSDBPS-OE-937-2,0 - Device connector, rear mounting

1402764 Datasheet (PDF)

Go To PDF Page Download Datasheet
1402764 Datasheet PDF - PHOENIX CONTACT

Part # 1402764
Download  1402764 Click to download

File Size   462.95 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description VS-FSDBPS-OE-937-2,0 - Device connector, rear mounting

1402764 Datasheet (HTML) - PHOENIX CONTACT


1402764 Product details

Device connector, rear mounting, PROFINET CAT5 (100 Mbps) CAT5 (100 Mbps), 4-position,
PE-X halogen-free, green RAL 6018, shielded, Flush-type female connector, straight, M12-
SPEEDCON, coding: D , on free cable end, Rear mounting, cable length: 5 m, 0.34 mm2,
PROFINET, Alternative product in accordance with RoHS II without Exemption 6c (Pb <0.1%)
item no.: 1238686

Your advantages
• Preassembled with cables in various standard lengths for immediate use
• Customer-specific assemblies and cable lengths can be supplied
• Sealed on the cable side for optimum tightness of seal
• Cable designs for all common networks and fieldbuses
• For high transmission safety: shield connection to the housing with optional EMC nut




Similar Part No. - 1402764

ManufacturerPart #DatasheetDescription
logo
Coherent Corp
1402728 COHERENT-1402728 Datasheet
881Kb / 4P
PowerMax BB kW Sensors
1402729 COHERENT-1402729 Datasheet
881Kb / 4P
PowerMax BB kW Sensors
1402730 COHERENT-1402730 Datasheet
881Kb / 4P
PowerMax BB kW Sensors
logo
Weidmuller
1402770000 WEIDMULLER-1402770000 Datasheet
413Kb / 7P
BLZP 5.08HC/03/180F SN BK BX SO
1402780000 WEIDMULLER-1402780000 Datasheet
413Kb / 7P
BLZP 5.08HC/03/180F SN ABGY BX SO
More results


Similar Description - 1402764

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1239227 PHOENIX-1239227 Datasheet
431Kb / 9P
VS-FSDBPS-OE-93G-LI/2,0X - Device connector, rear mounting
1419134 PHOENIX-1419134 Datasheet
444Kb / 12P
VS-FSDBPS-OE-93G-LI/0,5 - Device connector, rear mounting
1419135 PHOENIX-1419135 Datasheet
443Kb / 12P
VS-FSDBPS-OE-93G-LI/1,0 - Device connector, rear mounting
1419136 PHOENIX-1419136 Datasheet
443Kb / 12P
VS-FSDBPS-OE-93G-LI/2,0 - Device connector, rear mounting
1419154 PHOENIX-1419154 Datasheet
440Kb / 10P
VS-FSDBPS-OE-93K-LI/0,5 - Device connector, rear mounting
1419155 PHOENIX-1419155 Datasheet
441Kb / 10P
VS-FSDBPS-OE-93K-LI/1,0 - Device connector, rear mounting
1419156 PHOENIX-1419156 Datasheet
443Kb / 11P
VS-FSDBPS-OE-93K-LI/2,0 - Device connector, rear mounting
1239225 PHOENIX-1239225 Datasheet
377Kb / 9P
VS-FSDBPS-OE-93G-LI/0,5X - Device connector, rear mounting
1239233 PHOENIX-1239233 Datasheet
376Kb / 8P
VS-FSDBPS-OE-93K-LI/0,5X - Device connector, rear mounting
1239234 PHOENIX-1239234 Datasheet
376Kb / 8P
VS-FSDBPS-OE-93K-LI/1,0X - Device connector, rear mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com