Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

52109013 Datasheet (PDF) - Lapp.

52109013 Datasheet PDF - Lapp.
Part # 52109013
Download  52109013 Download
File Size   175.21 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINTOP® CLICK BLK

52109013 Datasheet (PDF)

Go To PDF Page Download Datasheet
52109013 Datasheet PDF - Lapp.

Part # 52109013
Download  52109013 Click to download

File Size   175.21 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINTOP® CLICK BLK

52109013 Datasheet (HTML) - Lapp.


52109013 Product details

Technical features:
Sizes Ø16, Ø20, Ø25
Functional thread Metric thread
Protection class IP 68 - 5bar, test acc. to EN 60529
Temperature range -20 °C up to +100 °C
Colour RAL 7035 light grey
RAL 7001 silver-grey
RAL 9005 black, UV-resistant acc. to ISO 4892-2:2006, method A




Similar Part No. - 52109013

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5210 ETC2-5210 Datasheet
205Kb / 1P
A-AA DUAL M/F BATTERY CONTACT
5210 ETC2-5210 Datasheet
457Kb / 1P
BATTERY CONTACTS FOR MOLDED CASES
logo
Keystone Electronics Co...
5210 KEYSTONE-5210 Datasheet
452Kb / 1P
BATTERY CONTACTS FOR MOLDED CASES
31-07 20th
logo
Alpha Wire
5210-2C ALPHAWIRE-5210-2C Datasheet
410Kb / 4P
22 (7/30) AWG Tinned Copper
5210/2C ALPHAWIRE-5210/2C Datasheet
410Kb / 4P
22 (7/30) AWG Tinned Copper
More results


Similar Description - 52109013

ManufacturerPart #DatasheetDescription
logo
Lapp.
52015700 LAPP-52015700 Datasheet
183Kb / 3P
SKINTOP® MS / MSR
03.07.2018
52025235 LAPP-52025235 Datasheet
103Kb / 1P
SKINTOP® SD
03.07.2018
52220000 LAPP-52220000 Datasheet
276Kb / 3P
SKINTOP® CUBE
03.07.2018
52220065 LAPP-52220065 Datasheet
457Kb / 4P
SKINTOP® MULTI
13.08.2021
53015410 LAPP-53015410 Datasheet
118Kb / 2P
SKINTOP® BT
23.11.2021
53015600 LAPP-53015600 Datasheet
143Kb / 2P
SKINTOP® BS
23.11.2021
53112686 LAPP-53112686 Datasheet
323Kb / 2P
SKINTOP® CLICK / CLICK-R
20.06.2023
53113300 LAPP-53113300 Datasheet
231Kb / 2P
SKINTOP® SOLAR / SKINTOP® SOLAR plus
02.12.2021
53800640 LAPP-53800640 Datasheet
83Kb / 1P
SKINTOP® DV
03.07.2018
54113000 LAPP-54113000 Datasheet
86Kb / 1P
SKINTOP® DV-M
03.07.2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com