Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

53017420 Datasheet (PDF) - Lapp.

53017420 Datasheet PDF - Lapp.
Part # 53017420
Download  53017420 Download
File Size   327.96 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINTOP® BT-M

53017420 Datasheet (PDF)

Go To PDF Page Download Datasheet
53017420 Datasheet PDF - Lapp.

Part # 53017420
Download  53017420 Click to download

File Size   327.96 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINTOP® BT-M

53017420 Datasheet (HTML) - Lapp.


53017420 Product details

Technical features:
Connecting thread M16x1.5 up to M25x1.5 acc. to EN 60423
Functional thread Multi-start trapezoidal thread
Protections class / NEMA Type Rating IP68 - 5 bar, test acc. to EN 60529
NEMA Type 1 and Type 12
Temperature range -20°C up to +100°C
Colour RAL 7001




Similar Part No. - 53017420

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5301 POMONA-5301 Datasheet
54Kb / 1P
SMD Grabber Test Clip Patch Cord
5301-12-0 POMONA-5301-12-0 Datasheet
54Kb / 1P
SMD Grabber Test Clip Patch Cord
5301-12-2 POMONA-5301-12-2 Datasheet
54Kb / 1P
SMD Grabber Test Clip Patch Cord
5301-24-0 POMONA-5301-24-0 Datasheet
54Kb / 1P
SMD Grabber Test Clip Patch Cord
5301-24-2 POMONA-5301-24-2 Datasheet
54Kb / 1P
SMD Grabber Test Clip Patch Cord
More results


Similar Description - 53017420

ManufacturerPart #DatasheetDescription
logo
Lapp.
53015410 LAPP-53015410 Datasheet
118Kb / 2P
SKINTOP® BT
23.11.2021
53111407 LAPP-53111407 Datasheet
114Kb / 2P
SKINTOP® ST-HF-M
25.09.2019
53111600 LAPP-53111600 Datasheet
334Kb / 2P
SKINTOP® BS-M / BSR-M
20.06.2023
53112570 LAPP-53112570 Datasheet
160Kb / 2P
SKINTOP® MS-HF-M
03.07.2018
53112780 LAPP-53112780 Datasheet
104Kb / 2P
SKINTOP® MS-IS-M
03.07.2018
53119000 LAPP-53119000 Datasheet
121Kb / 2P
SKINTOP® GMP-GL-M
19.02.2019
53119200 LAPP-53119200 Datasheet
109Kb / 2P
SKINTOP® GMP-HF-M
03.12.2020
53316220 LAPP-53316220 Datasheet
152Kb / 3P
SKINTOP® DIX-M
08.03.2022
53611001 LAPP-53611001 Datasheet
119Kb / 2P
SKINTOP® DIX-M AUTOMATION
08.11.2021
54113000 LAPP-54113000 Datasheet
86Kb / 1P
SKINTOP® DV-M
03.07.2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com