Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTC-532 Datasheet (PDF) - Advantech Co., Ltd.

UTC-532 Datasheet PDF - Advantech Co., Ltd.
Part # UTC-532_V02
Download  UTC-532 Download
File Size   831.34 Kbytes
Page   4 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 31.5" Ubiquitous Touch Computer

UTC-532 Datasheet (PDF)

Go To PDF Page Download Datasheet
UTC-532 Datasheet PDF - Advantech Co., Ltd.

Part # UTC-532_V02
Download  UTC-532 Click to download

File Size   831.34 Kbytes
Page   4 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 31.5" Ubiquitous Touch Computer

UTC-532 Datasheet (HTML) - Advantech Co., Ltd.


UTC-532 Product details

Features
ƒ High performance and fanless system design
ƒ Built-in Intel® Pentium® N4200
ƒ 31.5" monitor with 16:9 widescreen display
ƒ IP65-rated front panel for water and dust resistance
ƒ Aluminum frame with side groove design for flexible peripheral installation
ƒ Supports both landscape and portrait screen orientations
ƒ VESA 200 mm standard mounting holes for varied mounting demands
ƒ Support Advantech WISE-PaaS/RMM




Similar Part No. - UTC-532_V02

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UTC-532 ADVANTECH-UTC-532_V01 Datasheet
831Kb / 4P
31.5" Ubiquitous Touch Computer
3-Jan-2023
UTC-532 ADVANTECH-UTC-532_V03 Datasheet
806Kb / 4P
31.5" Ubiquitous Touch Computer
4-Feb-2023
More results


Similar Description - UTC-532_V02

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UTC-532 ADVANTECH-UTC-532_16 Datasheet
555Kb / 2P
32' Ubiquitous Touch Computer
UTC-510 ADVANTECH-UTC-510 Datasheet
404Kb / 2P
10.1' Ubiquitous Touch Computer
UTC-320 ADVANTECH-UTC-320 Datasheet
473Kb / 2P
21.5 Ubiquitous Touch Computer
15-Feb-2019
UTC-315 ADVANTECH-UTC-315_V01 Datasheet
914Kb / 4P
15.6" Ubiquitous Touch Computer
6-Jul-2023
UTC-318 ADVANTECH-UTC-318_V01 Datasheet
1Mb / 4P
18.5" Ubiquitous Touch Computer
6-Jul-2023
UTC-520 ADVANTECH-UTC-520_V02 Datasheet
737Kb / 4P
21.5" Ubiquitous Touch Computer
29-Dec-2022
UTC-520 ADVANTECH-UTC-520_V04 Datasheet
913Kb / 4P
21.5" Ubiquitous Touch Computer
7-Jan-2023
UTC-532 ADVANTECH-UTC-532_V01 Datasheet
831Kb / 4P
31.5" Ubiquitous Touch Computer
3-Jan-2023
UTC-532 ADVANTECH-UTC-532_V03 Datasheet
806Kb / 4P
31.5" Ubiquitous Touch Computer
4-Feb-2023
UTK-615 ADVANTECH-UTK-615 Datasheet
753Kb / 3P
15.6" Ubiquitous Touch Computer
15-Oct-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com