Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9280B2TG00 Datasheet (PDF) - Micro Analog systems

MAS9280B2TG00 Datasheet PDF - Micro Analog systems
Part # MAS9280B2TG00
Download  MAS9280B2TG00 Download
File Size   137.28 Kbytes
Page   8 Pages
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems
Description IC FOR 18.00 - 40.00 MHz VCTCXO

MAS9280B2TG00 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAS9280B2TG00 Datasheet PDF - Micro Analog systems

Part # MAS9280B2TG00
Download  MAS9280B2TG00 Click to download

File Size   137.28 Kbytes
Page   8 Pages
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems
Description IC FOR 18.00 - 40.00 MHz VCTCXO

MAS9280B2TG00 Datasheet (HTML) - Micro Analog systems


MAS9280B2TG00 Product details

DESCRIPTION
The MAS9280 is an integrated circuit well suited to build VCTCXO for mobile communication. Temperature calibration is achieved in three calibration temperatures only. The trimming is done through a serial bus and the calibration information is stored in an internal PROM. This means no rework for trimming is needed. To build a VCTCXO additionally only a crystal is required. The compensation method is fully analog, working continuously without generating any steps or other interference. Divider function allows the usage of double frequency crystal.

FEATURES
• Very small size
• Minimum Vdd 2.4V
• No voltage reference capacitor needed
• Phase noise <-110 dBc/Hz at 100 Hz and <-130 dBc/Hz at 1kHz @ 32 MHz crystal
• Programmable VC-sensitivity
• Oscillator frequency output fo /2 versions available

APPLICATIONS
• VCTCXO for mobile phones
• VCTCXO for other telecommunications systems




Similar Part No. - MAS9280B2TG00

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9281 MAS-MAS9281 Datasheet
76Kb / 6P
IC FOR 10.00 - 60.00 MHz XO
MAS9281A0TG00 MAS-MAS9281A0TG00 Datasheet
76Kb / 6P
IC FOR 10.00 - 60.00 MHz XO
MAS9281A1TG00 MAS-MAS9281A1TG00 Datasheet
76Kb / 6P
IC FOR 10.00 - 60.00 MHz XO
MAS9281A2TG00 MAS-MAS9281A2TG00 Datasheet
76Kb / 6P
IC FOR 10.00 - 60.00 MHz XO
MAS9281A3TG00 MAS-MAS9281A3TG00 Datasheet
76Kb / 6P
IC FOR 10.00 - 60.00 MHz XO
More results


Similar Description - MAS9280B2TG00

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS6282 MAS-MAS6282 Datasheet
106Kb / 5P
IC FOR 6.50 - 40.00 MHz VCTCXO
MAS1175 MAS-MAS1175 Datasheet
123Kb / 9P
IC FOR 10.00 - 20.00 MHz VCTCXO
MAS9270 MAS-MAS9270 Datasheet
129Kb / 9P
IC FOR 10.00 - 30.00 MHz VCTCXO
MAS9271 MAS-MAS9271 Datasheet
76Kb / 5P
IC FOR 10.00 - 40.00 MHz PXO
MAS9276 MAS-MAS9276 Datasheet
125Kb / 8P
IC for 10.00 - 30.00 MHz VCTCXO
MAS9279 MAS-MAS9279 Datasheet
177Kb / 10P
IC FOR 10.00 - 52.00 MHz VCTCXO
MAS6279B MAS-MAS6279B Datasheet
165Kb / 9P
IC FOR 5.00 ??64.00 MHz VCTCXO
logo
Advanced Thermal Soluti...
ATS040040018-PF-13Q ATS-ATS040040018-PF-13Q Datasheet
390Kb / 1P
40.00 x 40.00 x 18.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Custom Pin Fin
Rev - 050413
ATS040040018-SF-13Q ATS-ATS040040018-SF-13Q Datasheet
418Kb / 1P
40.00 x 40.00 x 18.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Straight Fin
Rev - 050413
logo
Micro Analog systems
MAS6279D8 MAS-MAS6279D8 Datasheet
594Kb / 12P
IC FOR 5.00 ??64.00 MHz VCTCXO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com