Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR101G Datasheet (PDF) - SMC Diode Solutions Co. LTD

FR101G Datasheet PDF - SMC Diode Solutions Co. LTD
Part # FR101G
Download  FR101G Download
File Size   322.03 Kbytes
Page   4 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description FR101G THRU FR107G FAST RECOVERY GLASS PASSIVATED RECTIFIERS

FR101G Datasheet (PDF)

Go To PDF Page Download Datasheet
FR101G Datasheet PDF - SMC Diode Solutions Co. LTD

Part # FR101G
Download  FR101G Click to download

File Size   322.03 Kbytes
Page   4 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description FR101G THRU FR107G FAST RECOVERY GLASS PASSIVATED RECTIFIERS

FR101G Datasheet (HTML) - SMC Diode Solutions Co. LTD


FR101G Product details

Features
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Fast switching for high efficiency
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed: 260 C/10
seconds,0.375”(9.5mm) lead length, 5 lbs. (2.3kg) tension
Glass passivated chip junction
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request




Similar Part No. - FR101G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR101G RECTRON-FR101G Datasheet
257Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Jinan Gude Electronic D...
FR101G JGD-FR101G Datasheet
143Kb / 2P
1.0Amp Glass Passivated Fast Recovery Rectifiers
logo
Shanghai Sunrise Electr...
FR101G SSE-FR101G Datasheet
16Kb / 1P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
Bytes
FR101G BYTES-FR101G Datasheet
153Kb / 2P
1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Shanghai Lunsure Electr...
FR101G CHENYI-FR101G Datasheet
121Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
More results


Similar Description - FR101G

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
FR602G CHENDA-FR602G Datasheet
74Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIERS
FR605G CHENDA-FR605G Datasheet
74Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Shanghai Shunye Electro...
BY396G SHUNYE-BY396G Datasheet
1Mb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Microdiode Semiconducto...
FR101G CHENDA-FR101G Datasheet
533Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
1N4933G HY-1N4933G_17 Datasheet
136Kb / 3P
FAST RECOVERY GLASS PASSIVATED RECTIFIERS
FR101G HY-FR101G_17 Datasheet
136Kb / 3P
FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Microdiode Semiconducto...
1N4933G CHENDA-1N4933G_V01 Datasheet
643Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIERS
BY296G CHENDA-BY296G_V01 Datasheet
543Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
SMC Diode Solutions Co....
FR201G SMCDIODE-FR201G Datasheet
419Kb / 4P
FR201G THRU FR207G FAST RECOVERY GLASS PASSIVATED RECTIFIERS
Rev. A
logo
RFE international
FR101G RFE-FR101G Datasheet
2Mb / 3P
Fast Recovery Rectifiers FR101G Through FR107G
22-09-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com