Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7612 Datasheet (PDF) - Analog Devices

AD7612 Datasheet PDF - Analog Devices
Part # AD7612
Download  AD7612 Download
File Size   868.1 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC

AD7612 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7612 Datasheet PDF - Analog Devices

Part # AD7612
Download  AD7612 Click to download

File Size   868.1 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC

AD7612 Datasheet (HTML) - Analog Devices


AD7612 Product details

GENERAL DESCRIPTION
The AD7952 is a 14-bit, charge redistribution, successive approximation register (SAR) architecture analog-to-digital converter (ADC) fabricated on Analog Devices, Inc.’s iCMOS high voltage process. The device is configured through hardware or via a dedicated write-only serial configuration port for input range and operating mode. The AD7952 contains a high speed 14-bit sampling ADC, an internal conversion clock, an internal reference (and buffer), error correction circuits, and both serial and parallel system interface ports. A falling edge on CNVST samples the fully differential analog inputs on IN+ and IN−.
The AD7952 features four different analog input ranges and three different sampling modes: warp mode for the fastest throughput, normal mode for the fastest asynchronous throughput, and impulse mode where power is scaled with throughput. Operation is specified from −40°C to +85°C.

FEATURES
   Multiple pins/software-programmable input ranges
      +5 V (10 V p-p), +10 V (20 V p-p), ±5 V (20 V p-p),
      ±10 V (40 V p-p)
   Pins or serial SPI®-compatible input ranges/mode selection
   Throughput
      1 MSPS (warp mode)
      800 kSPS (normal mode)
      670 kSPS (impulse mode)
   14-bit resolution with no missing codes
   INL: ±0.3 LSB typical, ±1 LSB maximum (±61 ppm of FSR)
   SNR: 85 dB @ 2 kHz
   iCMOS® process technology
   5 V internal reference: typical drift 3 ppm/°C; TEMP output
   No pipeline delay (SAR architecture)
   Parallel (14- or 8-bit bus) and serial 5 V/3.3 V interface
   SPI-/QSPI™-/MICROWIRE™-/DSP-compatible
   Power dissipation
      235 mW @ 1 MSPS
      10 mW @ 1 kSPS
   48-lead LQFP and 48-lead LFCSP (7 mm × 7 mm)

APPLICATIONS
   Process controls
   Medical instruments
   High speed data acquisition
   Digital signal processing
   Instrumentation
   Spectrum analysis
   ATE




Similar Part No. - AD7612

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7612 AD-AD7612 Datasheet
818Kb / 32P
16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7612 AD-AD7612 Datasheet
820Kb / 32P
16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7612 AD-AD7612 Datasheet
810Kb / 28P
16-Bit, 1.5 LSB INL, 2 MSPS PulSAR ADC
REV. 0
AD7612 AD-AD7612 Datasheet
582Kb / 33P
16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
23-Feb-2017
AD7612BCPZ AD-AD7612BCPZ Datasheet
818Kb / 32P
16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
More results


Similar Description - AD7612

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7626 AD-AD7626_09 Datasheet
1Mb / 28P
16-Bit, 10 MSPS, PulSAR Differential ADC
REV. 0
AD7626 AD-AD7626_10 Datasheet
1Mb / 28P
16-Bit, 10 MSPS, PulSAR Differential ADC
REV. A
AD7960 AD-AD7960 Datasheet
814Kb / 24P
18-Bit, 5 MSPS PulSAR Differential ADC
REV. 0
AD7951BSTZ AD-AD7951BSTZ Datasheet
518Kb / 32P
14-Bit, 1 MSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
REV. A
AD7625BCPZ AD-AD7625BCPZ Datasheet
673Kb / 24P
16-Bit, 6 MSPS, PulSAR Differential ADC
REV. A
AD7951 AD-AD7951_15 Datasheet
518Kb / 32P
14-Bit, 1 MSPS, Unipolar/Bipolar Programmable Input PulSAR
REV. A
AD7952 AD-AD7952_15 Datasheet
544Kb / 32P
14-Bit, 1 MSPS, Differential, Programmable Input PulSAR
REV. A
AD7626 AD-AD7626_17 Datasheet
1Mb / 30P
16-Bit, 10 MSPS, PulSAR Differential ADC
Rev. D
AD7951 AD-AD7951 Datasheet
761Kb / 33P
14-Bit, 1 MSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
23-Feb-2017
AD7952 AD-AD7952_17 Datasheet
606Kb / 33P
1 MSPS, Differential, Programmable Input PulSAR ADC
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com