Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8207P Datasheet (PDF) - Richtek Technology Corporation

RT8207P Datasheet PDF - Richtek Technology Corporation
Part # RT8207P
Download  RT8207P Download
File Size   302.22 Kbytes
Page   22 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Complete DDRII/DDRIII/Low-Power DDRIII/DDRIV/Low-Power DDRIV Memory Power Supply Controller

RT8207P Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8207P Datasheet PDF - Richtek Technology Corporation

Part # RT8207P
Download  RT8207P Click to download

File Size   302.22 Kbytes
Page   22 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Complete DDRII/DDRIII/Low-Power DDRIII/DDRIV/Low-Power DDRIV Memory Power Supply Controller

RT8207P Datasheet (HTML) - Richtek Technology Corporation


RT8207P Product details

General Description
The RT8207P provides a complete power supply for both
DDRII/DDRIII/Low-Power DDRIII/DDRIV/Low-Power DDRIV
memory systems. It integrates a synchronous PWM buck
controller with a 1.5A sink/source tracking linear regulator
and buffered low noise reference.
The PWM controller provides the high efficiency, excellent
transient response, and high DC output accuracy needed
for stepping down high voltage batteries to generate low
voltage chipset RAM supplies in notebook computers.
The constant-on-time PWM control scheme handles wide
input/output voltage ratios with ease and provides 100ns
“instant-on” response to load transients while maintaining
a relatively constant switching frequency.
The RT8207P achieves high efficiency at a reduced cost
by eliminating the current sense resistor found in
traditional current mode PWMs. Efficiency is further
enhanced by its ability to drive very large synchronous
rectifier MOSFETs. The buck conversion allows this device
to directly step down high voltage batteries for the highest
possible efficiency.
The 1.5A sink/source LDO maintains fast transient
response, only requiring 20μF of ceramic output
capacitance. In addition, the LDO supply input is available
externally to significantly reduce the total power losses.
The RT8207P supports all of the sleep state controls
placing VTT at high-Z in S3 and discharging VDDQ, VTT
and VTTREF (soft-off) in S4/S5.
The RT8207P has all of the protection features including
thermal shutdown and is available in a WQFN-20L 3x3
packages.

Applications
 DDRI/II/III/Low-Power DDRIII/DDRIV/Low-Power DDRIV
Memory Power Supplies
 Notebook Computers
 SSTL18, SSTL15 and HSTL Bus Termination

Features
 PWM Controller
 Resistor Programmable Current Limit by Low Side
RDS(ON) Sense
 Quick Load Step Response within 100ns
 1% VVDDQ Accuracy Over Line and Load
 Fixed 1.8V (DDRII), 1.5V (DDRIII) or Adjustable
0.75V to 3.3V Output Range for 1.35V (Low-Power
DDRIII), 1.2V (DDRIV) and 1.1V (Low-Power
DDRIV)
 4.5V to 26V Battery Input Range
 Resistor Programmable Frequency
 Over/Under Voltage Protection
 Internal Current Limit Ramp Soft-Start
 Drives Large Synchronous-Rectifier FETs
 Power Good Indicator
 1.5A LDO (VTT), Buffered Reference (VTTREF)
 Capable to Sink and Source 1.5A
 External Input Available to Minimize Power Losses
 Integrated Divider Tracks 1/2 VDDQ for Both VTT
and VTTREF
 Buffered Low Noise 10mA VTTREF Output
 Remote Sensing (VTTSNS)
 ±20mV Accuracy for Both VTTREF and VTT
 Supports High-Z in S3 and Soft-Off in S4/S5
 RoHS Compliant and Halogen Free




Similar Part No. - RT8207P

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8207 RICHTEK-RT8207 Datasheet
363Kb / 22P
Complete DDRII/DDRIII Memory Power Supply Controller
RT8207GQW RICHTEK-RT8207GQW Datasheet
363Kb / 22P
Complete DDRII/DDRIII Memory Power Supply Controller
RT8207L RICHTEK-RT8207L Datasheet
342Kb / 27P
Complete DDRII/DDRIII/Low-Power DDRIII/DDRIV Memory Power Supply Controller
RT8207LGQW RICHTEK-RT8207LGQW Datasheet
342Kb / 27P
Complete DDRII/DDRIII/Low-Power DDRIII/DDRIV Memory Power Supply Controller
RT8207LZQW RICHTEK-RT8207LZQW Datasheet
342Kb / 27P
Complete DDRII/DDRIII/Low-Power DDRIII/DDRIV Memory Power Supply Controller
More results


Similar Description - RT8207P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PM6670 STMICROELECTRONICS-PM6670 Datasheet
682Kb / 53P
Complete DDR2/3 memory power supply controller
01-Mar-2007
PM6670S STMICROELECTRONICS-PM6670S Datasheet
717Kb / 53P
Complete DDR2/3 memory power supply controller
06-Feb-2008
logo
Semtech Corporation
SC458 SEMTECH-SC458 Datasheet
97Kb / 1P
Complete Dual-Phase Low VOUT Power Supply Controller
logo
Richtek Technology Corp...
RT8207GQW RICHTEK-RT8207GQW Datasheet
363Kb / 22P
Complete DDRII/DDRIII Memory Power Supply Controller
logo
Semtech Corporation
SC458IMLTRT SEMTECH-SC458IMLTRT Datasheet
293Kb / 1P
Complete Dual-Phase Low VOUT Power Supply Controller
logo
STMicroelectronics
AN2798 STMICROELECTRONICS-AN2798 Datasheet
1Mb / 38P
Complete DDR2/3 memory power supply
04-Nov-2008
logo
Global Mixed-mode Techn...
G5616 GMT-G5616 Datasheet
108Kb / 4P
Complete DDR, DDRII and DDRIII Memory Solution Synchronous Buck PWM Controller, 3A LDO, Buffered Reference
logo
Richtek Technology Corp...
RT8207L RICHTEK-RT8207L Datasheet
342Kb / 27P
Complete DDRII/DDRIII/Low-Power DDRIII/DDRIV Memory Power Supply Controller
RT8231A RICHTEK-RT8231A Datasheet
306Kb / 23P
Complete DDR Memory Power Supply Controller
April 2021
RT8248A RICHTEK-RT8248A Datasheet
292Kb / 21P
Complete DDR Memory Power Supply Controller
April 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com