Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST36VF1601E Datasheet (PDF) - Silicon Storage Technology, Inc

SST36VF1601E Datasheet PDF - Silicon Storage Technology, Inc
Part # SST36VF1601E
Download  SST36VF1601E Download
File Size   419.47 Kbytes
Page   35 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description 16 Mbit (x8/x16) Concurrent SuperFlash

SST36VF1601E Datasheet (PDF)

Go To PDF Page Download Datasheet
SST36VF1601E Datasheet PDF - Silicon Storage Technology, Inc

Part # SST36VF1601E
Download  SST36VF1601E Click to download

File Size   419.47 Kbytes
Page   35 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description 16 Mbit (x8/x16) Concurrent SuperFlash

SST36VF1601E Datasheet (HTML) - Silicon Storage Technology, Inc


SST36VF1601E Product details

PRODUCT DESCRIPTION
The SST36VF1601E and SST36VF1602E are 1M x16 or 2M x8 CMOS Concurrent Read/Write Flash Memory manufactured with SST’s proprietary, high performance CMOS SuperFlash memory technology. The split-gate cell design and thick oxide tunneling injector attain better reliability and manufacturability compared with alternate approaches. The devices write (Program or Erase) with a 2.7-3.6V power supply and conform to JEDEC standard pinouts for x8/x16 memories.

FEATURES:
• Organized as 1M x16 or 2M x8
• Dual Bank Architecture for Concurrent Read/Write Operation
  – 16 Mbit Bottom Sector Protection
     - SST36VF1601E: 12 Mbit + 4 Mbit
  – 16 Mbit Top Sector Protection
      - SST36VF1602E: 4 Mbit + 12 Mbit
• Single 2.7-3.6V for Read and Write Operations
• Superior Reliability
   – Endurance: 100,000 cycles (typical)
   – Greater than 100 years Data Retention
• Low Power Consumption:
   – Active Current: 6 mA typical
   – Standby Current: 4 µA typical
   – Auto Low Power Mode: 4 µA typical
• Hardware Sector Protection/WP# Input Pin
   – Protects the 4 outermost sectors (8 KWord) in the larger bank by driving WP# low and unprotects by driving WP# high
• Hardware Reset Pin (RST#)
   – Resets the internal state machine to reading array data
• Byte# Pin
   – Selects 8-bit or 16-bit mode
• Sector-Erase Capability
   – Uniform 2 KWord sectors
• Chip-Erase Capability
• Block-Erase Capability
   – Uniform 32 KWord blocks
• Erase-Suspend / Erase-Resume Capabilities
• Security ID Feature
   – SST: 128 bits
   – User: 128 bits
• Fast Read Access Time
   – 70 ns
• Latched Address and Data
• Fast Erase and Program (typical):
   – Sector-Erase Time: 18 ms
   – Block-Erase Time: 18 ms
   – Chip-Erase Time: 35 ms
   – Program Time: 7 µs
• Automatic Write Timing
    – Internal VPP Generation
• End-of-Write Detection
   – Toggle Bit
   – Data# Polling
   – Ready/Busy# pin
• CMOS I/O Compatibility
• Conforms to Common Flash Memory Interface (CFI)
• JEDEC Standards
   – Flash EEPROM Pinouts and command sets
• Packages Available
   – 48-ball TFBGA (6mm x 8mm)
   – 48-lead TSOP (12mm x 20mm)
• All non-Pb (lead-free) devices are RoHS compliant




Similar Part No. - SST36VF1601E

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST36VF1601 SST-SST36VF1601 Datasheet
404Kb / 26P
16 Mbit Concurrent SuperFlash
SST36VF1601 SST-SST36VF1601 Datasheet
265Kb / 26P
16 Megabit Concurrent SuperFlash
SST36VF1601-70-4C-BK SST-SST36VF1601-70-4C-BK Datasheet
404Kb / 26P
16 Mbit Concurrent SuperFlash
SST36VF1601-70-4C-BK SST-SST36VF1601-70-4C-BK Datasheet
265Kb / 26P
16 Megabit Concurrent SuperFlash
SST36VF1601-70-4C-EK SST-SST36VF1601-70-4C-EK Datasheet
404Kb / 26P
16 Mbit Concurrent SuperFlash
More results


Similar Description - SST36VF1601E

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST34HF1621 SST-SST34HF1621 Datasheet
486Kb / 32P
16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
SST34HF1681 SST-SST34HF1681 Datasheet
472Kb / 30P
16 Mbit Concurrent SuperFlash 8 Mbit SRAM ComboMemory
SST36VF1601 SST-SST36VF1601 Datasheet
404Kb / 26P
16 Mbit Concurrent SuperFlash
SST34HF1642D SST-SST34HF1642D Datasheet
488Kb / 38P
16 Mbit Concurrent SuperFlash 2/4/8 Mbit SRAM ComboMemory
SST34HF1621C SST-SST34HF1621C Datasheet
648Kb / 38P
16 Mbit Concurrent SuperFlash 2/4 Mbit SRAM ComboMemory
SST34HF1641J SST-SST34HF1641J Datasheet
966Kb / 37P
16 Mbit Concurrent SuperFlash 4/8 Mbit PSRAM ComboMemory
SST36VF3203 SST-SST36VF3203 Datasheet
431Kb / 34P
32 Mbit (x8/x16) Concurrent SuperFlash
SST34HF32A4 SST-SST34HF32A4 Datasheet
973Kb / 37P
32 Mbit Concurrent SuperFlash 16 Mbit PSRAM ComboMemory
SST36VF1601G SST-SST36VF1601G Datasheet
935Kb / 36P
16 Mbit (x8/x16) Concurrent SuperFlash
logo
Greenliant systems
GLS36VF1601G GREENLIANT-GLS36VF1601G Datasheet
1Mb / 36P
16 Mbit (x8/x16) Concurrent SuperFlash
More results




About Silicon Storage Technology, Inc


Silicon Storage Technology, Inc. (SST) was an American technology company that specialized in the design and manufacture of non-volatile memory solutions, including flash memory and microcontrollers.
The company was founded in 1991 and had its headquarters in Sunnyvale, California.
SST was known for its innovative technology and high-quality products, and it had a strong reputation in the memory and storage industry.
In 2010, SST was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
Today, SST operates as a subsidiary of Microchip and continues to provide non-volatile memory solutions for a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com