Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9116B02AMR Datasheet (PDF) - Torex Semiconductor

XC9116B02AMR Datasheet PDF - Torex Semiconductor
Part # XC9116B02AMR
Download  XC9116B02AMR Download
File Size   1311.11 Kbytes
Page   22 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Step-Up DC/DC Converter-Backlight LED Driver

XC9116B02AMR Datasheet (PDF)

Go To PDF Page Download Datasheet
XC9116B02AMR Datasheet PDF - Torex Semiconductor

Part # XC9116B02AMR
Download  XC9116B02AMR Click to download

File Size   1311.11 Kbytes
Page   22 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Step-Up DC/DC Converter-Backlight LED Driver

XC9116B02AMR Datasheet (HTML) - Torex Semiconductor


XC9116B02AMR Product details

■ GENERAL DESCRIPTION
The XC9116 series is a fixed frequency, constant current step-up DC/DC converter ideal for driving LEDs used in backlighting applications such as cellular phones, PDAs and digital cameras. Output voltage of up to 17.5V can be derived, therefore, four white LEDs in series can be driven. Since an LED current can be set by an external resistor when LEDs are in-series connection, all white LEDs can be turned on equably. A network of two parallel legs with three in each LED can be also driven. Luminance of the LEDs is controlled by changing the duty cycle of a PWM signal applied to the CE pin. Efficiency is high with the low feedback reference voltage ensuring the RLED losses are minimal. In addition, an internal MOSFET with an RDSON of 2.0 Ω is used. A low profile and small board area solution can be achieved using a chip coil and an ultra small ceramic output capacitor (CL) of 0.22μ F as a result of the high 1.0MHz switching frequency.
The B type of XC9116 has an additional fault detection circuit. If the LEDs are disconnected or damaged, excess or run away output voltage is prevented by stopping the drive of the internal MOSFET.

■ FEATURES
    Input Voltage Range : 2.5V ~ 6.0V
    Output Voltage Range : Up to 17.5V externally set-up
                                         : Reference voltage 0.2V +5%
    Oscillation Frequency : 1.0MHz, ±20%
    ON Resistance : 2.0Ω
    Efficiency : 86% (XC9116B Type)
                     : 84% (XC9116D Type)
                        (VIN=3.6V, ILED=20mA when
                        driving 3 white LEDs in series)
    Control : PWM control
    Standby current : ISTB=1.0μ A (MAX.)
    Load Capacitor : 0.22μ F, ceramic
    Lx Limit Current : 325mA
    Lx Overvoltage Limit : XC9116B series
    No Lx Overvoltage Limit : XC9116D series
    Package : SOT-25 (SOT-23-5), USP-6B

■ APPLICATIONS
● For White LED drivers
● Mobile phones, PHS
● PDAs
● Digital still cameras




Similar Part No. - XC9116B02AMR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9116B02AMR TOREX-XC9116B02AMR Datasheet
553Kb / 23P
Step-Up DC/DC Converter-Backlight LED Driver
More results


Similar Description - XC9116B02AMR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1218X RICOH-R1218X Datasheet
326Kb / 14P
Step-up DC/DC converter for Whilte LED Backlight
R1218N021A RICOH-R1218N021A Datasheet
960Kb / 21P
Step-up DC/DC converter for White LED Backlight
logo
Torex Semiconductor
XC9116 TOREX-XC9116_1 Datasheet
553Kb / 23P
Step-Up DC/DC Converter-Backlight LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1522 YOBON-YB1522 Datasheet
1Mb / 12P
Step-up DC-DC Converter White LED Driver
logo
Torex Semiconductor
XC9133 TOREX-XC9133 Datasheet
545Kb / 15P
Step-Up DC/DC Converter-LED Backlight Driver
logo
Taiwan Semiconductor Co...
TS1520 TSC-TS1520_10 Datasheet
221Kb / 12P
Step-up DC-DC Converter, White LED Driver
logo
ACE Technology Co., LTD...
ACE714B ACE-ACE714B Datasheet
522Kb / 5P
Step-up DC/DC Converter Backlight Driver
VER 1.2
logo
SHENZHEN FUMAN ELECTRON...
A3127 FUMAN-A3127 Datasheet
191Kb / 7P
Step-up DC/DC converter white LED driver
logo
Shenzhen Huazhimei Semi...
HM5662 HMSEMI-HM5662 Datasheet
640Kb / 6P
Step-up DC/DC converter White LED driver
logo
AiT Semiconductor Inc.
A8169-020 AITSEMI-A8169-020 Datasheet
503Kb / 7P
LED BACKLIGHT DRIVER STEP-UP DC/DC CONVERTER
REV2.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com