Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD703037AY Datasheet (PDF) - Renesas Technology Corp

UPD703037AY Datasheet PDF - Renesas Technology Corp
Part # UPD703037AY
Download  UPD703037AY Download
File Size   508.88 Kbytes
Page   54 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUITS

UPD703037AY Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD703037AY Datasheet PDF - Renesas Technology Corp

Part # UPD703037AY
Download  UPD703037AY Click to download

File Size   508.88 Kbytes
Page   54 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUITS

UPD703037AY Datasheet (HTML) - Renesas Technology Corp


UPD703037AY Product details

FEATURES
Number of instructions: 74
Minimum instruction execution time: 76.9 ns (@ internal 13 MHz operation)
General-purpose registers: 32 bits × 32 registers
Instruction set: Signed multiplication, saturation operations, 32-bit shift instructions, bit manipulation instructions,
load/store instructions
Memory space: 16 MB linear address space
Internal memory ROM: 512 KB (UPD703037A, 703037AY: mask ROM)
512 KB (UPD70F3037A, 70F3037AY: flash memory)
RAM: 24 KB (UPD703037A, 703037AY, 70F3037A, 70F3037AY)
Interrupt/exception: UPD703037A, 70F3037A (external: 8, internal: 33 sources, exception: 1 source)
UPD703037AY, 70F3037AY (external: 8, internal: 34 sources, exception: 1 source)
I/O lines Total: 83
Timer/counters: 16-bit timer (2 channels: TM0, TM1)
8-bit timer (6 channels: TM2 to TM7)
Watch timer: 1 channel
Watchdog timer: 1 channel
IEBusTM controller: 1 channel




Similar Part No. - UPD703037AY

ManufacturerPart #DatasheetDescription
logo
NEC
UPD703037AY NEC-UPD703037AY Datasheet
332Kb / 28P
V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703037AYGF NEC-UPD703037AYGF Datasheet
332Kb / 28P
V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Similar Description - UPD703037AY

ManufacturerPart #DatasheetDescription
logo
NEC
UPD63335 NEC-UPD63335 Datasheet
91Kb / 13P
MOS INTEGRATED CIRCUITS
logo
Renesas Technology Corp
UPD78F9116 RENESAS-UPD78F9116 Datasheet
383Kb / 46P
MOS INTEGRATED CIRCUITS
1998
UPD78F9136 RENESAS-UPD78F9136 Datasheet
393Kb / 46P
MOS INTEGRATED CIRCUITS
1998
UPD16663 RENESAS-UPD16663 Datasheet
476Kb / 42P
MOS INTEGRATED CIRCUITS
1999
UPD63315 RENESAS-UPD63315 Datasheet
433Kb / 46P
MOS INTEGRATED CIRCUITS
2000
UPD63335 RENESAS-UPD63335 Datasheet
539Kb / 58P
MOS INTEGRATED CIRCUITS
2000
UPD703032A RENESAS-UPD703032A Datasheet
513Kb / 54P
MOS INTEGRATED CIRCUITS
2000
UPD784935A RENESAS-UPD784935A Datasheet
692Kb / 104P
MOS INTEGRATED CIRCUITS
2001
UPD789101 RENESAS-UPD789101 Datasheet
518Kb / 62P
MOS INTEGRATED CIRCUITS
1999
UPD789121 RENESAS-UPD789121 Datasheet
487Kb / 54P
MOS INTEGRATED CIRCUITS
1999
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com