Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT1025 Datasheet (PDF) - Richtek Technology Corporation

RT1025 Datasheet PDF - Richtek Technology Corporation
Part # RT1025
Download  RT1025 Download
File Size   621.74 Kbytes
Page   24 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Low-Power, Integrated ECG/PPG AFE for Heart-Rate Monitoring and Measurements

RT1025 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT1025 Datasheet PDF - Richtek Technology Corporation

Part # RT1025
Download  RT1025 Click to download

File Size   621.74 Kbytes
Page   24 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Low-Power, Integrated ECG/PPG AFE for Heart-Rate Monitoring and Measurements

RT1025 Datasheet (HTML) - Richtek Technology Corporation


RT1025 Product details

General Description
The RT1025 is an integrated AFE solution for Heart-Rate monitoring and measurements. The RT1025 integrates low noise voltage and current sensing channels and is capable of sensing ECG (Electrocardiography) and PPG (Photoplethysmography) simultaneously. The RT1025 have > 100dB dynamic range and can sense pulses accurately by detecting the heart’s electric signals. The sampling rates of the high-precision voltage and current sensing channels in the RT1025 are configurable between 64 to 4kHz. The RT1025 solution need only few discrete components and is easy to use for low-power medical ECG/PPG, sports, and fitness applications. With high levels of integration and high-precision voltage and current sensing channels, the RT1025 solution is suitable for scalable medical instrumentation systems.
The RT1025 is available in a 3.1mm x 3.4mm, 41-Ball, 0.4mm pitch, WL-CSP package.

Features
 ECG Channel Feature
Supports Two-Electrode (2E) Mode and RightLeg Drive (RLD) Mode
Low Noise PGA and High Resolution ADC
Input Impedance : 125M to 500MΩ atTwo-Electrode Mode and > 1GΩ at Right LegDrive Mode
Low Input-Referred Noise : 0.67μVrms (64HzODR, Gain = 12)
Dynamic Range : 110dB at Gain = 6
CMRR > 85dB at 60Hz
Data rate : 64SPS to 4k SPS
 PPG Channel Feature
Flexible Timing Control and Support DynamicPower Down
TX Supports H-bridge and Push/Pull Mode
TX LED Current Range : 10 / 25 / 35 / 50 / 65 / 75/ 90 / 105mA, Each with 8-bit CurrentResolution
Input Maximum Current Range : 0.5 to 50μA
Input Maximum Capacitance : 1nF
Input-Referred Noise : 50pArms at 5μA InputCurrent
CMRR > 80dB at 60Hz
PGA Gain : 1 to 6V/V
Ambient DAC1/DAC2 Range : 1 to 6μA
 Others
2-in-1 Bio-Sensing AFE (Voltage/Current)
Built-In Heartbeat Interval Estimation
Integrates an Oscillator to offer High-PrecisionClock with External Crystal
Support I2C and SPI I/F for MCU
On-Chip SRAM for Data Buffering
Ultra-Low Power Consumption
Operating Temperature Range : –20°C to 65°C
Small 3.1mm x 3.4mm, 41-Ball, 0.4mm Pitch,and WL-CSP Package
RoHS Compliant and Halogen Free

Applications
 Medical Instrumentation (ECG) including :
 Heart Rate, Respiration, and Single-Lead ECG
 Medical Instrumentation (PPG) including :
 Optical Heart-Rate Monitoring (HRM)
 Heart-Rate Variability (HRV)
 Pulse Oximetry (SpO2 Measurement)
 VO2 Max
 Sports and Fitness Wearable Devices
 High-Precision, Simultaneous, Multichannel Signal Acquisition




Similar Part No. - RT1025

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
RT1020 NXP-RT1020 Datasheet
2Mb / 97P
Crossover processors for industrial products
Rev. 1, 04/2019
More results


Similar Description - RT1025

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE4404 TI-AFE4404_15 Datasheet
1Mb / 80P
AFE4404 Ultra-Small, Integrated AFE for Wearable, Optical, Heart-Rate Monitoring and Bio-Sensing
AFE4405 TI1-AFE4405 Datasheet
682Kb / 11P
AFE4405 Ultra-Small, Integrated AFE with FIFO for Wearable, Optical Heart-Rate Monitoring and Bio-Sensing
AFE4410 TI1-AFE4410 Datasheet
137Kb / 7P
Ultra-Small, Integrated AFE With FIFO for Wearable, Continuous Optical Heart-Rate Monitoring and Biosensing
AFE4410 TI1-AFE4410_17 Datasheet
682Kb / 10P
Ultra-Small, Integrated AFE With FIFO for Wearable, Continuous Optical Heart-Rate Monitoring and Biosensing
AFE4420 TI1-AFE4420 Datasheet
150Kb / 9P
Ultra-Small, Integrated AFE with FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-Sensing
AFE44S30 TI1-AFE44S30 Datasheet
638Kb / 7P
AFE44S30 Ultra-Small, Integrated AFE With FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-Sensing
AFE4950 TI1-AFE4950 Datasheet
141Kb / 5P
AFE4950 Ultra-Small, Integrated AFE for Wearable Optical Heart-Rate Monitoring, SpO2 and Electrical Bio-sensing
AFE4950 TI-AFE4950_V01 Datasheet
977Kb / 8P
AFE4950 Ultra-Small, Integrated AFE for Wearable Optical Heart-Rate Monitoring, SpO2 and Electrical Bio-sensing
logo
OSRAM GmbH
SFH7015 OSRAM-SFH7015 Datasheet
1Mb / 18P
Health Monitoring (Heart Rate Monitoring,
logo
Texas Instruments
AFE4950 TI-AFE4950_V02 Datasheet
1Mb / 11P
AFE4950 Ultra-Small, Integrated AFE for Wearable Optical Heart-Rate Monitoring, SpO2 and Electrical Bio-sensing
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com