Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8131B Datasheet (PDF) - Richtek Technology Corporation

RT8131B Datasheet PDF - Richtek Technology Corporation
Part # RT8131B
Download  RT8131B Download
File Size   472.88 Kbytes
Page   39 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description USB PD Port and Power Controller

RT8131B Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8131B Datasheet PDF - Richtek Technology Corporation

Part # RT8131B
Download  RT8131B Click to download

File Size   472.88 Kbytes
Page   39 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description USB PD Port and Power Controller

RT8131B Datasheet (HTML) - Richtek Technology Corporation


RT8131B Product details

General Description
The RT1711P is a USB Type-C and Power Delivery (PD)
controller, which complies with the latest USB Type-C
and PD standards. The RT1711P integrates a complete
Type-C transceiver including the Type-C termination
resistors, Rp and Rd, and enables the USB Type-C
detection including attach and orientation. It also integrates
the physical layer of the USB BMC power delivery protocol,
allowing power transfers of up to 100W and role swap.
The BMC PD function provides full support for Alternate
Modes on the USB Type-C standard. The RT1711P
provides a complete power management solution, which
consists of one barrel jack path and one VBUS path for
charging systems. Another provider path provides a
seamless voltage transition and avoids the discontinuity
of voltage transition during USB PD power contracts.

Applications
 Tablets
 Laptops
 Notebooks
 Monitors
 Power Banks
 TVs

Features
 PD-Compatible Dual-Role
 Support USB PD3.0 and TCPC1.0
 Full Power Path Control
Barrel Jack Path : Up to 20V (N-MOSFET)
PD Provider & Consumer Path Up to 20V (N-MOSFET)
 Protection
VBUS Provider Path with Programmable Over-
Current Protection (OCP) and Over-Voltage
Protection (OVP)
VBUS Path with Aided Discharge
VCONN with Programmable Current Limit
VCONN with OVP Protection and Discharge
CC Pin 20V Short-VBUS Circuit Protection
 Adjustable DC-DC Output Voltages
 Current Capability Definition and Detection
 Cable Recognition and Alternate Modes Support
 Dead Battery and No Battery Support
 Low-Power Mode for Attach Detection
 BIST Mode Supported
 Support GPIO
 24-Lead WQFN Package




Similar Part No. - RT8131B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8130B RICHTEK-RT8130B Datasheet
235Kb / 16P
12V High Efficiency Synchronous Buck PWM Controller
RT8130C RICHTEK-RT8130C Datasheet
257Kb / 18P
Power Good Indicator
logo
Schaffner International...
RT8132-10-4M0 SCHAFFNER-RT8132-10-4M0 Datasheet
2Mb / 6P
Current-compensated Chokes
RT8132-12-3M6 SCHAFFNER-RT8132-12-3M6 Datasheet
2Mb / 6P
Current-compensated Chokes
RT8132-16-3M0 SCHAFFNER-RT8132-16-3M0 Datasheet
2Mb / 6P
Current-compensated Chokes
More results


Similar Description - RT8131B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65981 TI1-TPS65981 Datasheet
140Kb / 7P
USB Type-C and USB PD Controller Power Switch
TPS65986 TI1-TPS65986 Datasheet
2Mb / 109P
USB Type-C and USB PD Controller and Power Switch
TPS25740 TI1-TPS25740 Datasheet
2Mb / 64P
USB Type-C and USB PD Source Controller
logo
ON Semiconductor
FUSB307B ONSEMI-FUSB307B Datasheet
456Kb / 57P
USB Type-C Port Controller with USB-PD
April, 2018 ??Rev. 3
logo
Texas Instruments
TPS65988 TI1-TPS65988 Datasheet
9Mb / 83P
Dual Port USB Type-C and USB PD Controller with Integrated Power Switches
TPS65988DJ TI1-TPS65988DJ Datasheet
9Mb / 82P
Dual Port USB Type-C and USB PD Controller with Integrated Power Switches
logo
ON Semiconductor
FUSB308B ONSEMI-FUSB308B Datasheet
535Kb / 53P
USB Type-C Port Controller with USB-PD
February, 2020 ??Rev. 4
logo
Maxim Integrated Produc...
MAX25430 MAXIM-MAX25430 Datasheet
3Mb / 120P
Automotive 100W USB-PD Buck-Boost Port Controller and Protector
19-100826; Rev 0; 7/20
logo
ON Semiconductor
FUSB15201 ONSEMI-FUSB15201 Datasheet
626Kb / 19P
Dual Port USB Type-C & PD Controller
March, 2022 ??Rev. 2
FUSB15201 ONSEMI-FUSB15201_V01 Datasheet
594Kb / 19P
Dual Port USB Type-C & PD Controller
August, 2022 - Rev. 4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com