Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4809GE Datasheet (PDF) - Richtek Technology Corporation

RT4809GE Datasheet PDF - Richtek Technology Corporation
Part # RT4809GE
Download  RT4809GE Download
File Size   559.56 Kbytes
Page   11 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description DC-DC Boost Converter for PWM Controller

RT4809GE Datasheet (PDF)

Go To PDF Page Download Datasheet
RT4809GE Datasheet PDF - Richtek Technology Corporation

Part # RT4809GE
Download  RT4809GE Click to download

File Size   559.56 Kbytes
Page   11 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description DC-DC Boost Converter for PWM Controller

RT4809GE Datasheet (HTML) - Richtek Technology Corporation


RT4809GE Product details

General Description
The RT4809 is a DC-DC boost converter which is
designed to provide the power of PWM controller. The
RT4809 incorporates voltage mode, fixed-frequency,
pulse width modulation (PWM) circuitry with a built in
N-MOSFET to achieve high efficiency and fast
transient response. The RT4809 input operating range
is from 2.5V to 36V. The RT4809 is an optimized
design for wide output voltage range applications.

Features
 Boost Converter to Supply PVO Voltage 11V
 Cycle by Cycle Current Limit Protection
 2.5V to 36V Input Supply Voltage
 Fixed 1.3MHz Switching Frequency
 RoHS Compliant and Halogen Free
 Input Supply Under-Voltage Protection

Applications
 USB PD and Programmable Power Adapters




Similar Part No. - RT4809GE

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT4801H RICHTEK-RT4801H Datasheet
1Mb / 22P
Dual Output LCD Bias for Smartphones and Tablets
RT4801HWSC RICHTEK-RT4801HWSC Datasheet
1Mb / 22P
Dual Output LCD Bias for Smartphones and Tablets
RT4805A RICHTEK-RT4805A Datasheet
1Mb / 22P
Synchronous Boost Regulator with Bypass Mode
RT4805AWSC RICHTEK-RT4805AWSC Datasheet
1Mb / 22P
Synchronous Boost Regulator with Bypass Mode
RT4805B RICHTEK-RT4805B Datasheet
1Mb / 23P
Synchronous Boost Regulator
More results


Similar Description - RT4809GE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9226B ETC-RT9226B Datasheet
139Kb / 6P
SYNCHRONOUS PWM STEP-DOWN DC/DC CONVERTER CONTROLLER
logo
Infineon Technologies A...
TLD5095EL INFINEON-TLD5095EL Datasheet
1Mb / 31P
DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.1, 2009-12-16
TLD5098EL INFINEON-TLD5098EL Datasheet
1Mb / 39P
DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.0, 2010-10-13
logo
Fitipower Integrated Te...
FP6791C FITIPOWER-FP6791C Datasheet
688Kb / 13P
PWM Boost DC-DC Controller
logo
Shenzhen Huazhimei Semi...
HM1532 HMSEMI-HM1532 Datasheet
842Kb / 15P
1.2MHz, PWM/PFM switching control, DC-DC boost controller
HM1308 HMSEMI-HM1308 Datasheet
584Kb / 6P
PWM control DC-DC boost controller
HM3443 HMSEMI-HM3443 Datasheet
563Kb / 5P
Boost/buck-boost DC-DC controller
HM5667 HMSEMI-HM5667 Datasheet
837Kb / 6P
PWM control DC-DC boost controller?봟acklight LED driver
logo
Rohm
BM1P10CFJ ROHM-BM1P10CFJ Datasheet
1Mb / 35P
PWM Controller IC for AC/DC Converter
03.Feb.2020 Rev.001
logo
Silicon Mitus, Inc.
SM1201 SILICONMITUS-SM1201 Datasheet
327Kb / 1P
PWM Controller for Boost Converter with LDO
Februay 2018 -Rev. 0.0.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com