Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4841GQW Datasheet (PDF) - Richtek Technology Corporation

RT4841GQW Datasheet PDF - Richtek Technology Corporation
Part # RT4841GQW
Download  RT4841GQW Download
File Size   337.71 Kbytes
Page   16 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 5A Synchronous Boost Converter with Output Isolation MOS

RT4841GQW Datasheet (PDF)

Go To PDF Page Download Datasheet
RT4841GQW Datasheet PDF - Richtek Technology Corporation

Part # RT4841GQW
Download  RT4841GQW Click to download

File Size   337.71 Kbytes
Page   16 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 5A Synchronous Boost Converter with Output Isolation MOS

RT4841GQW Datasheet (HTML) - Richtek Technology Corporation


RT4841GQW Product details

General Description
The RT4841 is Synchronous Boost Converter with output
isolation MOS for active matrix thin film transistor (TFT)
liquid crystal displays (LCDs).
The Device incorporates current mode, fixed-frequency,
pulse width modulation (PWM) circuitry and fully integrated
synchronous boost converter with a 80mΩ power switch
and a 80mΩ rectifier switch to achieve high efficiency,
small size and fast transient response in TFT-LCD
applications. Moreover, Device contains one ISO MOSFET
controller for power on sequence of step-up converter. The
RT4841 has a wide input voltage range from 8.6V to 15.9V
and device has 5A (min.) switching current capability. The
RT4841 is available in a WQFN-20L 4x4 package.




Similar Part No. - RT4841GQW

ManufacturerPart #DatasheetDescription
logo
3M Electronics
RT48 3M-RT48 Datasheet
392Kb / 6P
Scotch-WeldTM Retaining Compound Anaerobic Adhesives
Nov-2016
logo
Richtek Technology Corp...
RT4801H RICHTEK-RT4801H Datasheet
1Mb / 22P
Dual Output LCD Bias for Smartphones and Tablets
RT4801HWSC RICHTEK-RT4801HWSC Datasheet
1Mb / 22P
Dual Output LCD Bias for Smartphones and Tablets
RT4805A RICHTEK-RT4805A Datasheet
1Mb / 22P
Synchronous Boost Regulator with Bypass Mode
RT4805AWSC RICHTEK-RT4805AWSC Datasheet
1Mb / 22P
Synchronous Boost Regulator with Bypass Mode
More results


Similar Description - RT4841GQW

ManufacturerPart #DatasheetDescription
logo
Power IC Ltd.
PS0020 PICSEMI-PS0020 Datasheet
156Kb / 10P
Low Iq Synchronous Boost Converter with Output Disconnect
PS0100 PICSEMI-PS0100 Datasheet
979Kb / 13P
600mA Synchronous Boost Converter with Output Disconnect
logo
Monolithic Power System...
MP3120 MPS-MP3120 Datasheet
712Kb / 10P
1.2A, 1.1MHz Synchronous Boost Converter with Output Disconnect
logo
Leshan Radio Company
LR8406 LRC-LR8406 Datasheet
618Kb / 22P
1.2A, 1.2MHz Synchronous Boost Converter with Output Disconnect
LR8421 LRC-LR8421 Datasheet
179Kb / 7P
5A, 500KHz Synchronous Boost Converter with Output Disconnect
LR8425 LRC-LR8425 Datasheet
164Kb / 7P
5A, 500KHz Synchronous Boost Converter with Output Disconnect
logo
Linear Technology
LTC3119UFD LINER-LTC3119UFD Datasheet
657Kb / 8P
18V, 5A Synchronous Buck-Boost DC/DC Converter
LTC3119 LINER-LTC3119 Datasheet
2Mb / 36P
18V, 5A Synchronous Buck-Boost DC/DC Converter
logo
Anpec Electronics Corop...
APW7277 ANPEC-APW7277 Datasheet
387Kb / 18P
5V 5A 1.2MHz Synchronous Boost Converter
logo
Shenzhen Huazhimei Semi...
HM7065 HMSEMI-HM7065 Datasheet
329Kb / 7P
5A, 500KHz Synchronous Boost Converter with Output Disconnect
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com