Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5133WSC Datasheet (PDF) - Richtek Technology Corporation

RT5133WSC Datasheet PDF - Richtek Technology Corporation
Part # RT5133WSC
Download  RT5133WSC Download
File Size   2087.33 Kbytes
Page   41 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Integrated PMIC with 8-Channel LDOs and 3 GPOs for Camera Module Applications

RT5133WSC Datasheet (PDF)

Go To PDF Page Download Datasheet
RT5133WSC Datasheet PDF - Richtek Technology Corporation

Part # RT5133WSC
Download  RT5133WSC Click to download

File Size   2087.33 Kbytes
Page   41 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Integrated PMIC with 8-Channel LDOs and 3 GPOs for Camera Module Applications

RT5133WSC Datasheet (HTML) - Richtek Technology Corporation


RT5133WSC Product details

General Description
The RT5133 is a highly-integrated power management
IC, which includes 8 LDOs for camera sensor
applications, including 2-Ch DVDD, 4-Ch AVDD, 1-Ch
VIO, 1-Ch VAF and 3 GPOs for portable devices.
The output voltages, soft-start time and protections of
regulators can be controlled by writing the registers
through I2C.
The LDO1 can be used to supply power to IO (VIO). The
LDO2 can be used to supply power to auto focus unit
(VAF). The LDO3 to LDO6 can be used to supply power
to AVDD. The LDO7 and LDO8 can be used to supply
power to DVDD.
3 GPO output pins can control external device or be
reused for another purpose.
The RT5133 is available in a WL-CSP-25B 1.84x1.84
(BSC) package.

Features
 Top
 Hardware Enable Pin
 I2C Controlled Interface
 Programmable Channel Power On/Off
 IRQB Output for Indication
 Input Under-Voltage Protection
 Over-Temperature Protection
 LDO
 LDO1/2
 2 Low Dropout Regulators for VIO18 and
auto Focus Application
 Wide 2.8V to 5V Operating Input Range
 Programmable Output Voltage by I2C
 High PSRR : 70dB @ 1KHz
 300mA Low Dropout Voltage Regulators
 LDO3/4/5/6
 4 Low Dropout Regulators for AVDD
application
 Wide 2.8V to 5V Operating Input Range
 Programmable Output Voltage by I2C
 High PSRR : 85dB @ 1KHz
 300mA Low Dropout Voltage Regulators
 LDO7/8
 2 Low Dropout Regulators for DVDD
application
 Wide 1.1V to 5V Operating Input Range
 Programmable Output Voltage by I2C
 High PSRR : 75dB @ 1KHz
 600mA/1000mA Low Dropout Voltage
Regulators
 GPO
 3 GPO Pins to Control a Single Regulator

Applications
 Cellular Telephones
 Personal Information Appliances
 Tablet PCs
 Portable Instruments




Similar Part No. - RT5133WSC

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT5133A RICHTEK-RT5133A Datasheet
2Mb / 41P
Integrated PMIC with 8-Channel LDOs and 3 GPOs for Camera Module Applications
March 2022
RT5133AWSC RICHTEK-RT5133AWSC Datasheet
2Mb / 41P
Integrated PMIC with 8-Channel LDOs and 3 GPOs for Camera Module Applications
March 2022
More results


Similar Description - RT5133WSC

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3709 AMSCO-AS3709 Datasheet
930Kb / 74P
關PMIC with 5 DCDC and 2 LDOs
logo
Richtek Technology Corp...
DS5028E RICHTEK-DS5028E Datasheet
519Kb / 41P
Integrated PMIC with 4-Channel Synchronous Buck Converters, 8 LDOs, and MTP Non-Volatile Memory for Industrial Applications
logo
Shenzhen X-Powers Techn...
AXP152 XPOWER-AXP152 Datasheet
390Kb / 4P
Highly integrated PMIC with 4 DC/DC Buck Converters and 7 LDOs
AXP155 XPOWER-AXP155 Datasheet
398Kb / 3P
Highly integrated PMIC with 5 DC/DC Buck Converters and 10 LDOs
logo
Will Semiconductor Ltd.
WL2864C WILLSEMI-WL2864C Datasheet
1Mb / 30P
7-Channel LDO PMIC for Camera Applications
logo
Rohm
BD86852MUF-C ROHM-BD86852MUF-C Datasheet
2Mb / 46P
PMIC for Automotive Camera
logo
Maxim Integrated Produc...
MAX25250 MAXIM-MAX25250 Datasheet
968Kb / 19P
Four Output Mini PMIC for Camera Applications
Rev 0; 4/21
logo
Richtek Technology Corp...
RT5133A RICHTEK-RT5133A Datasheet
2Mb / 41P
Integrated PMIC with 8-Channel LDOs and 3 GPOs for Camera Module Applications
March 2022
RTQ5115-QA RICHTEK-RTQ5115-QA Datasheet
582Kb / 46P
Integrated PMIC with 4-Channel Synchronous Buck Converters, 8 LDOs, and MTP Non-Volatile Memory for Industrial and Automotive Applications
June 2021
logo
Texas Instruments
TPS65224-Q1 TI1-TPS65224-Q1 Datasheet
659Kb / 11P
TPS65224-Q1 Power Management IC (PMIC) with 4 BUCKs and 3 LDOs for Safety- Relevant Automotive Applications
DECEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com