Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMN3R2-30YLC Datasheet (PDF) - Nexperia B.V. All rights reserved

PSMN3R2-30YLC Datasheet PDF - Nexperia B.V. All rights reserved
Part # PSMN3R2-30YLC
Download  PSMN3R2-30YLC Download
File Size   933.01 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description N-channel 30 V 3.5mΩ logic level MOSFET in LFPAK using NextPower technology

PSMN3R2-30YLC Datasheet (PDF)

Go To PDF Page Download Datasheet
PSMN3R2-30YLC Datasheet PDF - Nexperia B.V. All rights reserved

Part # PSMN3R2-30YLC
Download  PSMN3R2-30YLC Click to download

File Size   933.01 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description N-channel 30 V 3.5mΩ logic level MOSFET in LFPAK using NextPower technology

PSMN3R2-30YLC Datasheet (HTML) - Nexperia B.V. All rights reserved


PSMN3R2-30YLC Product details

1.1 General description
Logic level enhancement mode N-channel MOSFET in LFPAK package. This product is
designed and qualified for use in a wide range of industrial, communications and domestic
equipment.
1.2 Features and benefits
High reliability Power SO8 package,
qualified to 175°C
Low parasitic inductance and
resistance
Optimised for 4.5V Gate drive utilising
NextPower Superjunction technology
Ultra low QG, QGD, and QOSS for
high system efficiencies at low and
high loads
1.3 Applications
DC-to-DC converters
Load switching
Power OR-ing
Server power supplies
Sync rectifier




Similar Part No. - PSMN3R2-30YLC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN3R2-30YLC PHILIPS-PSMN3R2-30YLC Datasheet
1Mb / 8P
NextPower 25 V & 30 V MOSFETs in LFPAK(Power-SO8)
May 2011
PSMN3R2-30YLC PHILIPS-PSMN3R2-30YLC Datasheet
1Mb / 8P
NextPower MOSFETs
May 2011
PSMN3R2-30YLC NXP-PSMN3R2-30YLC Datasheet
1Mb / 8P
NextPower 25 V & 30 V MOSFETs in LFPAK(Power-SO8)
May 2011
PSMN3R2-30YLC PHILIPS-PSMN3R2-30YLC_15 Datasheet
352Kb / 15P
N-channel 30 V 3.5m logic level MOSFET in LFPAK using NextPower technology
Rev. 01-2 May 2011
More results


Similar Description - PSMN3R2-30YLC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN1R2-30YLC NXP-PSMN1R2-30YLC Datasheet
351Kb / 15P
N-channel 30 V 1.25m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 1-3 May 2011
PSMN3R7-30YLC NXP-PSMN3R7-30YLC Datasheet
354Kb / 15P
N-channel 30 V 3.95m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 01-2 May 2011
PSMN1R5-30YLC PHILIPS-PSMN1R5-30YLC_15 Datasheet
355Kb / 15P
N-channel 30 V 1.55m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 2-17 May 2011
PSMN2R6-30YLC PHILIPS-PSMN2R6-30YLC_15 Datasheet
351Kb / 15P
N-channel 30 V 2.8m logic level MOSFET in LFPAK using NextPower technology
Rev. 01-2 May 2011
PSMN3R2-30YLC PHILIPS-PSMN3R2-30YLC_15 Datasheet
352Kb / 15P
N-channel 30 V 3.5m logic level MOSFET in LFPAK using NextPower technology
Rev. 01-2 May 2011
logo
Nexperia B.V. All right...
PSMN1R2-30YLC NEXPERIA-PSMN1R2-30YLC Datasheet
931Kb / 15P
N-channel 30 V 1.25mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 1 - 3 May 2011
PSMN2R2-30YLC NEXPERIA-PSMN2R2-30YLC Datasheet
934Kb / 15P
N-channel 30 V 2.15mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 02 - 3 May 2011
PSMN2R6-30YLC NEXPERIA-PSMN2R6-30YLC Datasheet
931Kb / 15P
N-channel 30 V 2.8mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 01 - 2 May 2011
PSMN3R7-30YLC NEXPERIA-PSMN3R7-30YLC Datasheet
467Kb / 16P
N-channel 30 V 3.95mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 01 - 2 May 2011
PSMN4R1-30YLC NEXPERIA-PSMN4R1-30YLC Datasheet
750Kb / 14P
N-channel 30 V 4.35mΩ logic level MOSFET in LFPAK using NextPower technology
12 February 2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com