Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

53112005 Datasheet (PDF) - Lapp.

53112005 Datasheet PDF - Lapp.
Part # 53112005
Download  53112005 Download
File Size   293.43 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINTOP® MS-M-XL / MSR-M-XL

53112005 Datasheet (PDF)

Go To PDF Page Download Datasheet
53112005 Datasheet PDF - Lapp.

Part # 53112005
Download  53112005 Click to download

File Size   293.43 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINTOP® MS-M-XL / MSR-M-XL

53112005 Datasheet (HTML) - Lapp.


53112005 Product details

Technical features:
Connecting thread M12x1,5 up to M50x1,5 acc. to DIN EN 60423
Protection class / NEMA Type Rating IP 68 - 10 bar / 30 min acc. to DIN EN 60529
IP 69 acc. to DIN EN 60529
Type 1, Type 4X, Type 6 and Type 12 acc. to UL 50 E, CSA C22.2 No. 94.2-15
Strain relief Category A acc. to DIN EN 62444
Temperature range Dynamic -25 °C up to +100 °C
Statically -40 °C up to +100 °C
Design MS-M standard
MSR-M with reducing sealing ring (for smaller cable diameters)
Corrosion protection Salt spray test (168 H. / 35°C) acc. to DIN EN ISO 9227




Similar Part No. - 53112005

ManufacturerPart #DatasheetDescription
logo
Lapp.
53112004 LAPP-53112004 Datasheet
251Kb / 2P
SKINTOP® MS-NPT / MSR-NPT
02.12.2021
More results


Similar Description - 53112005

ManufacturerPart #DatasheetDescription
logo
Lapp.
52015700 LAPP-52015700 Datasheet
183Kb / 3P
SKINTOP® MS / MSR
03.07.2018
52104330 LAPP-52104330 Datasheet
132Kb / 2P
SKINDICHT® ZS-M / ZS-M-XL
12.06.2023
52106000 LAPP-52106000 Datasheet
190Kb / 2P
SKINDICHT® ZSE-M / ZSE-M-XL
03.07.2018
52106700 LAPP-52106700 Datasheet
160Kb / 2P
SKINDICHT® SHZ-M / SHZ-M-XL
06.06.2023
52115700 LAPP-52115700 Datasheet
144Kb / 2P
SKINTOP® MS-XL/ MSR-XL
03.07.2018
53112004 LAPP-53112004 Datasheet
251Kb / 2P
SKINTOP® MS-NPT / MSR-NPT
02.12.2021
53112210 LAPP-53112210 Datasheet
121Kb / 2P
SKINTOP® MS–SC / MS–SC-XL
03.07.2018
53112570 LAPP-53112570 Datasheet
160Kb / 2P
SKINTOP® MS-HF-M
03.07.2018
53112780 LAPP-53112780 Datasheet
104Kb / 2P
SKINTOP® MS-IS-M
03.07.2018
53113200 LAPP-53113200 Datasheet
135Kb / 2P
SKINTOP® GRIP-M / GRIP-XL-M
09.09.2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com