Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

53806753 Datasheet (PDF) - Lapp.

53806753 Datasheet PDF - Lapp.
Part # 53806753
Download  53806753 Download
File Size   295.44 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINTOP INOX / INOX-R

53806753 Datasheet (PDF)

Go To PDF Page Download Datasheet
53806753 Datasheet PDF - Lapp.

Part # 53806753
Download  53806753 Click to download

File Size   295.44 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINTOP INOX / INOX-R

53806753 Datasheet (HTML) - Lapp.


53806753 Product details

Technical features:
Connecting thread M12x1,5 up to M50x1,5 acc. to EN 60423
Protection class Sizes M12, M16, M20: IP68 – 10 bar, test acc. to EN 60529
Sizes M25 up to M50: IP68 – 5 bar, test acc. to EN 60529
All sizes: IP69 according to EN 60529
NEMA Type 1, Type 2, Type 4X, Type 6, Type 12 according to UL50
Temperature range -40 °C up to +100 °C
Chemical resistance ECOLAB certification
Design INOX standard
INOX-R with reducing sealing ring (for smaller cable diameters)




Similar Part No. - 53806753

ManufacturerPart #DatasheetDescription
logo
Lapp.
53806759 LAPP-53806759 Datasheet
132Kb / 2P
SKINTOP® BS-M METAL / BSR-M METAL
10.11.2021
More results


Similar Description - 53806753

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
19-44-310-0545 HARTING-19-44-310-0545 Datasheet
499Kb / 2P
Han-INOX 10B-HSE-R-M20
19-44-310-0546 HARTING-19-44-310-0546 Datasheet
499Kb / 2P
Han-INOX 10B-HSE-R-M25
19-44-310-0757 HARTING-19-44-310-0757 Datasheet
473Kb / 2P
Han INOX 10B-HCC-R-M32
19-44-310-0547 HARTING-19-44-310-0547 Datasheet
499Kb / 2P
Han INOX 10B-HSE-R-M32
19-44-310-0447 HARTING-19-44-310-0447 Datasheet
593Kb / 2P
Han INOX 10B-HTE-R-M32
19-44-003-0801 HARTING-19-44-003-0801 Datasheet
476Kb / 2P
Han INOX 3A R/A Bulkhead Mounted Housing
09-30-000-9821 HARTING-09-30-000-9821 Datasheet
444Kb / 1P
Coding Pin (INOX)
2021-10-01
logo
Lapp.
53806720 LAPP-53806720 Datasheet
307Kb / 2P
SKINTOP® INOX SC
02.12.2021
53806780 LAPP-53806780 Datasheet
289Kb / 2P
SKINTOP® INOX NPT / INOX-R NPT
02.12.2021
53806818 LAPP-53806818 Datasheet
330Kb / 2P
SKINTOP® INOX SC NPT
02.12.2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com