Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBP3005G Datasheet (PDF) - SMC Diode Solutions Co. LTD

KBP3005G Datasheet PDF - SMC Diode Solutions Co. LTD
Part # KBP3005G
Download  KBP3005G Download
File Size   310.7 Kbytes
Page   5 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description SINGLE PHASE 3.0AMP GLASS PASSIVATED BRIDGE RECTIFIER

KBP3005G Datasheet (PDF)

Go To PDF Page Download Datasheet
KBP3005G Datasheet PDF - SMC Diode Solutions Co. LTD

Part # KBP3005G
Download  KBP3005G Click to download

File Size   310.7 Kbytes
Page   5 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description SINGLE PHASE 3.0AMP GLASS PASSIVATED BRIDGE RECTIFIER

KBP3005G Datasheet (HTML) - SMC Diode Solutions Co. LTD


KBP3005G Product details

Features
Glass passivated die construction
Low forward voltage drop
High current capability
High surge current capability
Plastic material-UL flammability 94V-0
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request




Similar Part No. - KBP3005G

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
KBP3005G MCC-KBP3005G Datasheet
494Kb / 3P
3 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Diotech Company.
KBP3005G DIOTECH-KBP3005G Datasheet
668Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Gulf Semiconductor
KBP3005G GULFSEMI-KBP3005G Datasheet
91Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current:3.0A
logo
SeCoS Halbleitertechnol...
KBP3005G SECOS-KBP3005G Datasheet
730Kb / 2P
Voltage 50V ~ 1000V 3.0Amp Glass Passivited Bridge Rectifiers
logo
WILLAS ELECTRONIC CORP
KBP3005G WILLAS-KBP3005G Datasheet
300Kb / 2P
3.0 AMP GLASS PASSIVATED BRIDGE RECTIFIER - 50V-100V
More results


Similar Description - KBP3005G

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
3KBP005M VISHAY-3KBP005M Datasheet
93Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
DIYI Electronic Technol...
UG3KB05T DYELEC-UG3KB05T Datasheet
421Kb / 2P
SINGLE PHASE 3.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
UG3KB05G DYELEC-UG3KB05G Datasheet
399Kb / 2P
SINGLE PHASE 3.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
UG3KB05 DYELEC-UG3KB05 Datasheet
397Kb / 2P
SINGLE PHASE 3.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
SMC Diode Solutions Co....
HBS302 SMCDIODE-HBS302 Datasheet
569Kb / 5P
Glass Passivated Single-Phase 3.0Amp Surface Mount Bridge Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com