Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPE1281MU Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPE1281MU Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPE1281MU
Download  TPE1281MU Download
File Size   1265.47 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 1-Line Ui-directional High Power TVS Diode

TPE1281MU Datasheet (PDF)

Go To PDF Page Download Datasheet
TPE1281MU Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPE1281MU
Download  TPE1281MU Click to download

File Size   1265.47 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 1-Line Ui-directional High Power TVS Diode

TPE1281MU Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPE1281MU Product details

Features
1300W peak pulse power (8/20us)
Protects one data or power line
Ultra low leakage: nA level
Operating voltage: 12V
Ultra low clamping voltage
Complies with following standards:
— |EC 61000-4-2 (ESD) immunity test
Air discharge: +30kV
Contact discharge: +30kV
—IEC61000-4-5 (Lightning) 46A (8/20ps)
RoHS Compliant




Similar Part No. - TPE1281MU

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPE1203D TOPPOWER-TPE1203D Datasheet
447Kb / 3P
1W 1KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE1203D TOPPOWER-TPE1203D Datasheet
674Kb / 3P
1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE1203D TOPPOWER-TPE1203D Datasheet
712Kb / 3P
1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE1203D TOPPOWER-TPE1203D Datasheet
716Kb / 3P
1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE1203D/E TOPPOWER-TPE1203D/E Datasheet
257Kb / 3P
1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
More results


Similar Description - TPE1281MU

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LTVS16H12T5G LRC-LTVS16H12T5G Datasheet
138Kb / 4P
1- Line Uni- directional TVS Diode
logo
Applied Power Microelec...
AU0371P6 APMICRO-AU0371P6 Datasheet
1,011Kb / 7P
1-Line Uni-directional TVS Diode
AU0521M1 APMICRO-AU0521M1 Datasheet
859Kb / 6P
1-Line Bi-directional TVS Diode
AU0581P1 APMICRO-AU0581P1 Datasheet
1Mb / 4P
1-Line Bi-directional TVS Diode
AU0771D3 APMICRO-AU0771D3 Datasheet
767Kb / 4P
1-Line Uni-directional TVS Diode
AU0781D1F APMICRO-AU0781D1F Datasheet
429Kb / 4P
1-Line Bi-directional TVS Diode
AU1501P1 APMICRO-AU1501P1 Datasheet
796Kb / 4P
1-Line Uni-directional TVS Diode
logo
Shanghai Leiditech Elec...
SD07 LEIDITECH-SD07 Datasheet
1Mb / 4P
1-Line Ui-directional TVS Diode
Rev : 01.06.2021
logo
TECH PUBLIC Electronics...
ESD5621W TECHPUBLIC-ESD5621W Datasheet
1Mb / 4P
1-Line Ui-directional High Power TVS Diode
TPTVSHC3D12VU TECHPUBLIC-TPTVSHC3D12VU Datasheet
1Mb / 4P
1-Line Ui-directional High Power TVS Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com