Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPM2007NK3 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPM2007NK3 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPM2007NK3
Download  TPM2007NK3 Download
File Size   2082.91 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 200V N-Channel Enhancement Mode Power MOSFET

TPM2007NK3 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPM2007NK3 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPM2007NK3
Download  TPM2007NK3 Click to download

File Size   2082.91 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 200V N-Channel Enhancement Mode Power MOSFET

TPM2007NK3 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPM2007NK3 Product details

Features
Vos = 200V,lp =5.5A
Ros(on) < 580mQ @ Ves=10V (Typ:500mQ)




Similar Part No. - TPM2007NK3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TPM200 ETC2-TPM200 Datasheet
1Mb / 2P
Chassis Mounting Non-inductive Flat Type High Power resistors
logo
TECH PUBLIC Electronics...
TPM2001NY3 TECHPUBLIC-TPM2001NY3 Datasheet
2Mb / 5P
N-Channel Enhancement Mode Power MOSFET
logo
3PEAK INC.
TPM2003 3PEAK-TPM2003 Datasheet
1Mb / 16P
40-V 7-Ch Low-side Driver Array
TPM2003-SO3R 3PEAK-TPM2003-SO3R Datasheet
1Mb / 16P
40-V 7-Ch Low-side Driver Array
TPM2003-TS3R 3PEAK-TPM2003-TS3R Datasheet
1Mb / 16P
40-V 7-Ch Low-side Driver Array
More results


Similar Description - TPM2007NK3

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
HY18N20T HY-HY18N20T Datasheet
242Kb / 4P
200V / 18A N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN20B28KTC DIODES-ZXMN20B28KTC Datasheet
657Kb / 8P
200V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZVNL120G DIODES-ZVNL120G_15 Datasheet
567Kb / 6P
200V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
ZXMN20B28K DIODES-ZXMN20B28K_15 Datasheet
657Kb / 8P
200V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
Shenzhen Huazhimei Semi...
HM2N20MR HMSEMI-HM2N20MR Datasheet
928Kb / 6P
200V N-Channel Enhancement Mode MOSFET
logo
Shanghai Leiditech Elec...
LMAK18N20 LEIDITECH-LMAK18N20 Datasheet
1Mb / 6P
200V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJU18N20 PANJIT-PJU18N20 Datasheet
1Mb / 8P
200V N-Channel Enhancement Mode MOSFET
July 18,2017-REV.00
logo
TECH PUBLIC Electronics...
FQD7N20LTM-TP TECHPUBLIC-FQD7N20LTM-TP Datasheet
2Mb / 5P
200V N-Channel Enhancement Mode Power MOSFET
STD5N20LT4-TP TECHPUBLIC-STD5N20LT4-TP Datasheet
2Mb / 5P
200V N-Channel Enhancement Mode Power MOSFET
logo
Jiangsu Donghai Semicon...
630 WXDH-630 Datasheet
1Mb / 11P
9A 200V N-channel Enhancement Mode Power MOSFET
Rev. 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com