Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPZ16VCS3 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPZ16VCS3 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPZ16VCS3
Download  TPZ16VCS3 Download
File Size   1524.7 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description SOT23 Zener Diodes

TPZ16VCS3 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPZ16VCS3 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPZ16VCS3
Download  TPZ16VCS3 Click to download

File Size   1524.7 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description SOT23 Zener Diodes

TPZ16VCS3 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPZ16VCS3 Product details

Features
Low Zener Impedance
Power Dissipation of 350mW
High Stability and High Reliability
Halogen free and RoHS compliant
Tight voltage tolerance: +5% for C-series




Similar Part No. - TPZ16VCS3

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPZ16VCS3 TECHPUBLIC-TPZ16VCS3 Datasheet
3Mb / 5P
350m Watt Zener Voltage Regulators
More results


Similar Description - TPZ16VCS3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
Galaxy Semi-Conductor H...
BZG03C BILIN-BZG03C Datasheet
106Kb / 3P
ZENER DIODES
DL4728 BILIN-DL4728 Datasheet
195Kb / 3P
ZENER DIODES
BZY97 BILIN-BZY97 Datasheet
239Kb / 5P
ZENER DIODES
U1ZB6.8 BILIN-U1ZB6.8 Datasheet
155Kb / 3P
ZENER DIODES
logo
Tiger Electronic Co.,Lt...
1SS187 TGS-1SS187 Datasheet
417Kb / 2P
SOT23 Plastic-Encapsulated Diodes
logo
Diodes Incorporated
ZC2811ETA DIODES-ZC2811ETA Datasheet
106Kb / 3P
SOT23 SCHOTTKY BARRIER DIODES
MARCH 1995
ZC2800ETA DIODES-ZC2800ETA Datasheet
106Kb / 3P
SOT23 SCHOTTKY BARRIER DIODES
MARCH 1995
ZC2800 DIODES-ZC2800 Datasheet
585Kb / 3P
SOT23 SCHOTTKY BARRIER DIODES
MARCH 1995
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com