Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9065 Datasheet (PDF) - Richtek Technology Corporation

RT9065 Datasheet PDF - Richtek Technology Corporation
Part # RT9065
Download  RT9065 Download
File Size   138.7 Kbytes
Page   11 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 500mA, Low Dropout, Low Noise, Ultra-Fast Linear Regulator

RT9065 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9065 Datasheet PDF - Richtek Technology Corporation

Part # RT9065
Download  RT9065 Click to download

File Size   138.7 Kbytes
Page   11 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 500mA, Low Dropout, Low Noise, Ultra-Fast Linear Regulator

RT9065 Datasheet (HTML) - Richtek Technology Corporation


RT9065 Product details

General Description
The RT9065 is designed for portable RF and wireless
applications with demanding performance and space
requirements. The RT9065 performance is optimized for
battery powered systems to deliver ultra low noise and
low quiescent current. A noise bypass pin is available for
further reduction of output noise. Regulator ground current
increases only slightly in dropout, further prolonging the
battery life. The RT9065 also works with low-ESR ceramic
capacitors, reducing the amount of board space necessary
for power applications, critical in hand held wireless
devices. The RT9065 consumes less than 0.01μA in
shutdown mode. The other features include low dropout
voltage, high output accuracy, current limiting protection,
and high ripple rejection ratio. The RT9065 is available in
the SOT-23-6 package.

Features
 Ultra-Low-Noise for RF Application
 Ultra-Fast Response in Line/Load Transient
 0.01μA Shutdown Current
 Low Dropout : 370mV @ 500mA
 Wide Input Voltage Range : 2.2V to 5.5V
 Adjustable Output Voltage
 TTL Logic Controlled Shutdown Input
 Low Temperature Coefficient
 Current Limiting Protection
 Thermal Shutdown Protection
 Only 1μF Output Capacitor Required for Stability
 High Power Supply Rejection Ratio
 RoHS Compliant and Halogen Free

Applications
 CDMA/GSM Cellular Handsets
 Battery Powered Equipment
 Laptop, Palmtops, Notebook Computers
 Hand Held Instruments
 PCMCIA Cards
 Portable Information Appliances




Similar Part No. - RT9065

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9069 RICHTEK-RT9069 Datasheet
662Kb / 15P
The RT9069 is a low-dropout
RT9069-50GX5 RICHTEK-RT9069-50GX5 Datasheet
662Kb / 15P
The RT9069 is a low-dropout
RT9069-C0GB RICHTEK-RT9069-C0GB Datasheet
662Kb / 15P
The RT9069 is a low-dropout
More results


Similar Description - RT9065

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS735 TI-TPS735 Datasheet
586Kb / 16P
500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX_0810 TI-TPS735XX_0810 Datasheet
807Kb / 18P
500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX TI-TPS735XX Datasheet
1Mb / 21P
500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
logo
Linear Technology
LT3029 LINER-LT3029 Datasheet
1Mb / 20P
Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
logo
Texas Instruments
TPS735XX TI-TPS735XX_10 Datasheet
1Mb / 26P
500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX_101 TI-TPS735XX_101 Datasheet
951Kb / 23P
500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
logo
Linear Technology
LT3029 LINER-LT3029_11 Datasheet
338Kb / 20P
Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3029 LINER-LT3029_15 Datasheet
1Mb / 20P
Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
logo
AiT Semiconductor Inc.
A6500B AITSEMI-A6500B Datasheet
1Mb / 12P
LOW DROPOUT VOLTAGE REGULATOR 500mA ULTRA-LOW NOISE, ULTRA-FAST CMOS LDO REGULATOR
REV1.0
A6518 AITSEMI-A6518 Datasheet
826Kb / 9P
CMOS LOW DROPOUT REGULATOR (LDO) 500mA ADJUSTABLE, ULTRA-LOW NOISE, ULTRA-FAST
REV1.3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com