Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9680A Datasheet (PDF) - Richtek Technology Corporation

RT9680A Datasheet PDF - Richtek Technology Corporation
Part # RT9680A
Download  RT9680A Download
File Size   373.89 Kbytes
Page   15 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Synchronous Buck Dr.MOS Power Stage

RT9680A Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9680A Datasheet PDF - Richtek Technology Corporation

Part # RT9680A
Download  RT9680A Click to download

File Size   373.89 Kbytes
Page   15 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Synchronous Buck Dr.MOS Power Stage

RT9680A Datasheet (HTML) - Richtek Technology Corporation


RT9680A Product details

General Description
The RT9680A is a high efficiency synchronous buck power
stage module consisting of two asymmetrical MOSFETs
and an integrated driver. The MOSFETs are individually
optimized for operation in the synchronous buck
configuration. The high-side MOSFET has low capacitance
and gate charge for fast switching with low duty cycle
operation. The low-side MOSFET has ultra low RDS(ON) to
minimize conduction losses. A number of features are
provided making the RT9680A a highly versatile power
module. The boot strap diode is integrated in the driver.
The low-side MOSFET can be driven into diode emulation
mode to provide asynchronous operation to improve light
load efficiency. The pin-out is optimized for low inductance
routing of the RT9680A keeping the parasitics and their
effects to the minimum.
The RT9680A is available in a UQFN-11HL 3x3 (FC)
package.

Features
 Up to 1MHz Operating Frequency
 For PWM 5V Logic
 Input Voltage Up to 23V
 Over-Temperature Protection
 Max Continue Current up to 8A
 Low Quiescent Current
 Tri-State PWM Input
 Integrated Bootstrap Diode
 High Density Package with UQFN-11HL 3x3 (FC)

Applications
 Notebook
 Wireless Charger Solutions
 VCORE and DDR Solutions




Similar Part No. - RT9680A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9600 ETC-RT9600 Datasheet
154Kb / 6P
SYNCHRONOUS-RECTIFIED BUCK MOSFET DRIVERS
RT9600CS ETC-RT9600CS Datasheet
154Kb / 6P
SYNCHRONOUS-RECTIFIED BUCK MOSFET DRIVERS
logo
Richtek Technology Corp...
RT9602 RICHTEK-RT9602 Datasheet
166Kb / 8P
DUAL CHANNEL SYNCHRONOUS-RECTIFIED BUCK MOSFET DRIVER
RT9602 RICHTEK-RT9602 Datasheet
216Kb / 11P
Dual Channel Synchronous-Rectified Buck MOSFET Driver
RT9602CS RICHTEK-RT9602CS Datasheet
166Kb / 8P
DUAL CHANNEL SYNCHRONOUS-RECTIFIED BUCK MOSFET DRIVER
More results


Similar Description - RT9680A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD96370Q5M TI-CSD96370Q5M Datasheet
950Kb / 18P
Synchronous Buck NexFET??Power Stage
CSD97370Q5M TI1-CSD97370Q5M Datasheet
923Kb / 22P
Synchronous Buck NexFET Power Stage
JUNE2011
CSD96370Q5M_1110 TI-CSD96370Q5M_1110 Datasheet
1,004Kb / 19P
Synchronous Buck NexFET??Power Stage
CSD97370AQ5M TI-CSD97370AQ5M Datasheet
1Mb / 22P
Synchronous Buck NexFET??Power Stage
CSD95375Q4M TI-CSD95375Q4M Datasheet
911Kb / 18P
Synchronous Buck NexFET??Power Stage
CSD97376Q4M TI-CSD97376Q4M Datasheet
917Kb / 19P
Synchronous Buck NexFET??Power Stage
CSD97374Q4M TI-CSD97374Q4M Datasheet
931Kb / 18P
Synchronous Buck NexFET Power Stage
CSD96371Q5M TI-CSD96371Q5M_15 Datasheet
1Mb / 19P
Synchronous Buck NexFET??Power Stage
CSD97370AQ5M TI-CSD97370AQ5M_15 Datasheet
1Mb / 25P
Synchronous Buck NexFET??Power Stage
CSD97396Q4M TI1-CSD97396Q4M Datasheet
497Kb / 20P
Synchronous Buck NexFET Power Stage
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com