Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD44165092B Datasheet (PDF) - Renesas Technology Corp

UPD44165092B Datasheet PDF - Renesas Technology Corp
Part # UPD44165092B
Download  UPD44165092B Download
File Size   464.51 Kbytes
Page   37 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 18M-BIT QDRTM II SRAM 2-WORD BURST OPERATION

UPD44165092B Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD44165092B Datasheet PDF - Renesas Technology Corp

Part # UPD44165092B
Download  UPD44165092B Click to download

File Size   464.51 Kbytes
Page   37 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 18M-BIT QDRTM II SRAM 2-WORD BURST OPERATION

UPD44165092B Datasheet (HTML) - Renesas Technology Corp


UPD44165092B Product details

Features
• 1.8 ± 0.1 V power supply
• 165-pin PLASTIC BGA (13 x 15)
• HSTL interface
• PLL circuitry for wide output data valid window and future frequency scaling
• Separate independent read and write data ports with concurrent transactions
• 100% bus utilization DDR READ and WRITE operation
• Two-tick burst for low DDR transaction size
• Two input clocks (K and K#) for precise DDR timing at clock rising edges only
• Two output clocks (C and C#) for precise flight time and clock skew matching-clock
and data delivered together to receiving device
• Internally self-timed write control
• Clock-stop capability. Normal operation is restored in 20 μs after clock is resumed.
• User programmable impedance output (35 to 70 Ω)
• Fast clock cycle time : 3.3 ns (300 MHz), 3.5 ns (287 MHz), 4.0 ns (250 MHz), 5.0 ns (200 MHz)
• Simple control logic for easy depth expansion
• JTAG 1149.1 compatible test access port




Similar Part No. - UPD44165092B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD44165092A-A RENESAS-UPD44165092A-A Datasheet
587Kb / 42P
MOS INTEGRATED CIRCUIT
2009
UPD44165092AF5-E40-EQ2-A RENESAS-UPD44165092AF5-E40-EQ2-A Datasheet
587Kb / 42P
MOS INTEGRATED CIRCUIT
2009
UPD44165092AF5-E50-EQ2-A RENESAS-UPD44165092AF5-E50-EQ2-A Datasheet
587Kb / 42P
MOS INTEGRATED CIRCUIT
2009
More results


Similar Description - UPD44165092B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD46185084B RENESAS-PD46185084B Datasheet
598Kb / 39P
18M-BIT QDRTM II SRAM 4-WORD BURST OPERATION
PD46185092B RENESAS-PD46185092B Datasheet
643Kb / 36P
18M-BIT QDRTM II SRAM 2-WORD BURST OPERATION
PD44165084B RENESAS-PD44165084B_15 Datasheet
503Kb / 40P
18M-BIT QDRTM II SRAM 4-WORD BURST OPERATION
PD44165092B RENESAS-PD44165092B_15 Datasheet
476Kb / 37P
18M-BIT QDRTM II SRAM 2-WORD BURST OPERATION
PD46185084B RENESAS-PD46185084B_15 Datasheet
598Kb / 39P
18M-BIT QDRTM II SRAM 4-WORD BURST OPERATION
PD46185092B RENESAS-PD46185092B_15 Datasheet
643Kb / 36P
18M-BIT QDRTM II SRAM 2-WORD BURST OPERATION
UPD44165084B RENESAS-UPD44165084B Datasheet
491Kb / 40P
18M-BIT QDRTM II SRAM 4-WORD BURST OPERATION
October 6, 2011
UPD44325092B RENESAS-UPD44325092B Datasheet
393Kb / 36P
36M-BIT QDRTM II SRAM 2-WORD BURST OPERATION
August 11, 2011
UPD46185084B RENESAS-UPD46185084B Datasheet
597Kb / 39P
18M-BIT QDRTM II SRAM 4-WORD BURST OPERATION
Nov 09, 2012
UPD46185092B RENESAS-UPD46185092B Datasheet
643Kb / 36P
18M-BIT QDRTM II SRAM 2-WORD BURST OPERATION
Nov 09, 2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com