Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMN4R2-40VSH Datasheet (PDF) - Nexperia B.V. All rights reserved

PSMN4R2-40VSH Datasheet PDF - Nexperia B.V. All rights reserved
Part # PSMN4R2-40VSH
Download  PSMN4R2-40VSH Download
File Size   302.7 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual N-channel 40 V, 4.2 mOhm standard level MOSFET in LFPAK56D (half-bridge configuration)

PSMN4R2-40VSH Datasheet (PDF)

Go To PDF Page Download Datasheet
PSMN4R2-40VSH Datasheet PDF - Nexperia B.V. All rights reserved

Part # PSMN4R2-40VSH
Download  PSMN4R2-40VSH Click to download

File Size   302.7 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual N-channel 40 V, 4.2 mOhm standard level MOSFET in LFPAK56D (half-bridge configuration)

PSMN4R2-40VSH Datasheet (HTML) - Nexperia B.V. All rights reserved


PSMN4R2-40VSH Product details

1. General description
Dual, standard level N-channel MOSFET in an LFPAK56D package (halfbridge
configuration), using NextpowerS3 technology.
An internal connection is made between the source (S1) of the high-side
FET to the drain (D2) of the low-side FET, making the device ideal to use
as a half-bridge switch in high-performance PWM and space constrained
motor drive applications
aaa-028081
D1
S1, D2
S2
G1
G2
2. Features and benefits
• LFPAK56D package with half-bridge configuration enables:
• Reduced PCB layout complexity
• Module shrinkage through reduced component count
• Improved system level Rth(j-amb) due to optimized package design
• Lower parasitic inductance to support higher efficiency
• Footprint compatibility with LFPAK56D Dual package
• NextpowerS3 technology
• Low power losses, high power density
• Superior avalanche performance
• Repetitive avalanche rated
• LFPAK copper clip packaging provides high robustness and reliability
• Gull wing leads support high manufacturability and Automated Optical Inspection (AOI)
3. Applications
• Handheld power tools, portable appliance and space constrained applications
• Brushless or brushed DC motor drive
• DC-to-DC systems
• LED lighting




Similar Part No. - PSMN4R2-40VSH

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN4R2-40VSH NEXPERIA-PSMN4R2-40VSH Datasheet
301Kb / 12P
Dual N-channel 40 V, 4.2 mOhm standard level MOSFET in LFPAK56D (half-bridge configuration)
11 February 2021
PSMN4R2-40VSHX NEXPERIA-PSMN4R2-40VSHX Datasheet
301Kb / 12P
Dual N-channel 40 V, 4.2 mOhm standard level MOSFET in LFPAK56D (half-bridge configuration)
11 February 2021
PSMN4R2-40VSH NEXPERIA-PSMN4R2-40VSH_V01 Datasheet
301Kb / 12P
Dual N-channel 40 V, 4.2 mOhm standard level MOSFET in LFPAK56D (half-bridge configuration)
11 February 2021
More results


Similar Description - PSMN4R2-40VSH

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK7V4R2-40H NEXPERIA-BUK7V4R2-40H Datasheet
311Kb / 13P
Dual N-channel 40 V, 4.2 mOhm standard level MOSFET in LFPAK56D (half-bridge configuration)
16 August 2022
BUK9K13-40H NEXPERIA-BUK9K13-40H Datasheet
311Kb / 12P
Dual N-channel 40 V, 13 mOhm logic level MOSFET in LFPAK56D
11 February 2021
BUK9K25-40RA NEXPERIA-BUK9K25-40RA Datasheet
342Kb / 13P
Dual N-channel 40 V, 29 mOhm logic level MOSFET in LFPAK56D using Repetitive Avalanche technology
2 December 2020
BUK9V13-40H NEXPERIA-BUK9V13-40H Datasheet
310Kb / 13P
Dual N-channel 40 V, 13 mOhm logic level MOSFET in LFPAK56D (half-bridge configuration)
11 February 2021
PSMN014-40HLD NEXPERIA-PSMN014-40HLD Datasheet
287Kb / 12P
N-channel 40 V, 13.6 mOhm, logic level MOSFET in LFPAK56D using NextPowerS3 technology
26 September 2022
PSMN6R1-40HL NEXPERIA-PSMN6R1-40HL Datasheet
340Kb / 12P
N-channel 40 V, 7.2 mOhm, logic level MOSFET in LFPAK56D using TrenchMOS technology
30 September 2022
PSMN6R8-40HS NEXPERIA-PSMN6R8-40HS Datasheet
286Kb / 12P
N-channel 40 V, 6.8 mOhm, standard level MOSFET in LFPAK56D using TrenchMOS technology
19 October 2022
PSMN8R0-40HL NEXPERIA-PSMN8R0-40HL Datasheet
345Kb / 12P
N-channel 40 V, 9.4 mOhm, logic level MOSFET in LFPAK56D using TrenchMOS technology
30 September 2022
PSMN8R5-40HS NEXPERIA-PSMN8R5-40HS Datasheet
341Kb / 12P
N-channel 40 V, 8.5 mOhm, standard level MOSFET in LFPAK56D using TrenchMOS technology
26 September 2022
PSMN013-40VLD NEXPERIA-PSMN013-40VLD Datasheet
301Kb / 12P
Dual N-channel 40 V, 13 mOhm standard level MOSFET in LFPAK56D (half-bridge configuration)
16 August 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com