Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMN4R5-30YLC Datasheet (PDF) - Nexperia B.V. All rights reserved

PSMN4R5-30YLC Datasheet PDF - Nexperia B.V. All rights reserved
Part # PSMN4R5-30YLC
Download  PSMN4R5-30YLC Download
File Size   1102.49 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description N-channel 30 V 4.8 mΩ logic level MOSFET in LFPAK using NextPower technology

PSMN4R5-30YLC Datasheet (PDF)

Go To PDF Page Download Datasheet
PSMN4R5-30YLC Datasheet PDF - Nexperia B.V. All rights reserved

Part # PSMN4R5-30YLC
Download  PSMN4R5-30YLC Click to download

File Size   1102.49 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description N-channel 30 V 4.8 mΩ logic level MOSFET in LFPAK using NextPower technology

PSMN4R5-30YLC Datasheet (HTML) - Nexperia B.V. All rights reserved


PSMN4R5-30YLC Product details

1.1 General description
Logic level enhancement mode N-channel MOSFET in LFPAK package. This product is
designed and qualified for use in a wide range of industrial, communications and domestic
equipment.
1.2 Features and benefits
 High reliability Power SO8 package,
qualified to 175°C
 Low parasitic inductance and
resistance
 Optimised for 4.5V Gate drive utilising
NextPower Superjunction technology
 Ultra low QG, QGD, QOSS for high
system efficiencies at low and high
loads
1.3 Applications
 DC-to-DC converters
 Load switching
 Power OR-ing
 Server power supplies
 Sync rectifier




Similar Part No. - PSMN4R5-30YLC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN4R5-30YLC PHILIPS-PSMN4R5-30YLC Datasheet
1Mb / 8P
NextPower 25 V & 30 V MOSFETs in LFPAK(Power-SO8)
May 2011
PSMN4R5-30YLC PHILIPS-PSMN4R5-30YLC Datasheet
1Mb / 8P
NextPower MOSFETs
May 2011
PSMN4R5-30YLC NXP-PSMN4R5-30YLC Datasheet
1Mb / 8P
NextPower 25 V & 30 V MOSFETs in LFPAK(Power-SO8)
May 2011
PSMN4R5-30YLC PHILIPS-PSMN4R5-30YLC_15 Datasheet
350Kb / 15P
N-channel 30 V 4.8 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 3-5 July 2011
More results


Similar Description - PSMN4R5-30YLC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN4R5-30YLC PHILIPS-PSMN4R5-30YLC_15 Datasheet
350Kb / 15P
N-channel 30 V 4.8 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 3-5 July 2011
logo
Nexperia B.V. All right...
PSMN1R0-30YLC NEXPERIA-PSMN1R0-30YLC Datasheet
753Kb / 14P
N-channel 30 V 1.15 mΩ logic level MOSFET in LFPAK using NextPower technology
15 January 2015
PSMN1R1-25YLC NEXPERIA-PSMN1R1-25YLC Datasheet
973Kb / 15P
N-channel 25 V 1.15 mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 1 - 2 May 2011
PSMN1R2-25YLC NEXPERIA-PSMN1R2-25YLC Datasheet
930Kb / 15P
N-channel 25 V 1.3 mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 1 - 2 May 2011
PSMN011-30YLC NEXPERIA-PSMN011-30YLC Datasheet
915Kb / 15P
N-channel 30 V 11.6 mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 3 - 24 October 2011
PSMN6R0-30YLB NEXPERIA-PSMN6R0-30YLB Datasheet
915Kb / 15P
N-channel 30 V 6.5 mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 2 - 24 October 2011
PSMN6R5-25YLC NEXPERIA-PSMN6R5-25YLC Datasheet
903Kb / 15P
N-channel 25 V 6.5 mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 2 - 31 October 2011
PSMN7R0-30YLC NEXPERIA-PSMN7R0-30YLC Datasheet
776Kb / 14P
N-channel 30 V 7.1 mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 2 - 1 September 2011
PSMN8R0-30YLC NEXPERIA-PSMN8R0-30YLC Datasheet
544Kb / 16P
N-channel 30 V 7.9 mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 2 - 1 September 2011
PSMN9R5-30YLC NEXPERIA-PSMN9R5-30YLC Datasheet
907Kb / 15P
N-channel 30 V 9.8 mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 2 - 1 September 2011
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com