Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD46365084B Datasheet (PDF) - Renesas Technology Corp

UPD46365084B Datasheet PDF - Renesas Technology Corp
Part # UPD46365084B
Download  UPD46365084B Download
File Size   598.29 Kbytes
Page   39 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 36M-BIT QDRTM II SRAM 4-WORD BURST OPERATION

UPD46365084B Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD46365084B Datasheet PDF - Renesas Technology Corp

Part # UPD46365084B
Download  UPD46365084B Click to download

File Size   598.29 Kbytes
Page   39 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 36M-BIT QDRTM II SRAM 4-WORD BURST OPERATION

UPD46365084B Datasheet (HTML) - Renesas Technology Corp


UPD46365084B Product details

Features
• 1.8 ± 0.1 V power supply
• 165-pin PLASTIC BGA (13 x 15)
• HSTL interface
• PLL circuitry for wide output data valid window and future frequency scaling
• Separate independent read and write data ports with concurrent transactions
• 100% bus utilization DDR READ and WRITE operation
• Four-tick burst for reduced address frequency
• Two input clocks (K and K#) for precise DDR timing at clock rising edges only
• Two output clocks (C and C#) for precise flight time
and clock skew matching-clock and data delivered together to receiving device
• Internally self-timed write control
• Clock-stop capability. Normal operation is restored in 20 μs after clock is resumed.
• User programmable impedance output (35 to 70 Ω)
• Fast clock cycle time : 3.3 ns (300 MHz) , 4.0 ns (250 MHz)
• Simple control logic for easy depth expansion
• JTAG 1149.1 compatible test access port




Similar Part No. - UPD46365084B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD46365092B RENESAS-UPD46365092B Datasheet
619Kb / 36P
36M-BIT QDRTM II SRAM 2-WORD BURST OPERATION
Nov 09, 2012
UPD46365092BF1-E33-EQ1 RENESAS-UPD46365092BF1-E33-EQ1 Datasheet
619Kb / 36P
36M-BIT QDRTM II SRAM 2-WORD BURST OPERATION
Nov 09, 2012
UPD46365092BF1-E33-EQ1-A RENESAS-UPD46365092BF1-E33-EQ1-A Datasheet
619Kb / 36P
36M-BIT QDRTM II SRAM 2-WORD BURST OPERATION
Nov 09, 2012
UPD46365092BF1-E33Y-EQ1 RENESAS-UPD46365092BF1-E33Y-EQ1 Datasheet
619Kb / 36P
36M-BIT QDRTM II SRAM 2-WORD BURST OPERATION
Nov 09, 2012
UPD46365092BF1-E33Y-EQ1-A RENESAS-UPD46365092BF1-E33Y-EQ1-A Datasheet
619Kb / 36P
36M-BIT QDRTM II SRAM 2-WORD BURST OPERATION
Nov 09, 2012
More results


Similar Description - UPD46365084B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD46185084B RENESAS-PD46185084B Datasheet
598Kb / 39P
18M-BIT QDRTM II SRAM 4-WORD BURST OPERATION
PD46365084B RENESAS-PD46365084B Datasheet
598Kb / 39P
36M-BIT QDRTM II SRAM 4-WORD BURST OPERATION
PD46365092B RENESAS-PD46365092B Datasheet
619Kb / 36P
36M-BIT QDRTM II SRAM 2-WORD BURST OPERATION
PD44325084B RENESAS-PD44325084B_15 Datasheet
458Kb / 40P
36M-BIT QDRTM II SRAM 4-WORD BURST OPERATION
PD44325092B RENESAS-PD44325092B_15 Datasheet
416Kb / 36P
36M-BIT QDRTM II SRAM 2-WORD BURST OPERATION
PD46365084B RENESAS-PD46365084B_15 Datasheet
598Kb / 39P
36M-BIT QDRTM II SRAM 4-WORD BURST OPERATION
PD46365092B RENESAS-PD46365092B_15 Datasheet
619Kb / 36P
36M-BIT QDRTM II SRAM 2-WORD BURST OPERATION
UPD44325084B RENESAS-UPD44325084B Datasheet
446Kb / 40P
36M-BIT QDRTM II SRAM 4-WORD BURST OPERATION
September 12, 2011
UPD44325092B RENESAS-UPD44325092B Datasheet
393Kb / 36P
36M-BIT QDRTM II SRAM 2-WORD BURST OPERATION
August 11, 2011
UPD46365092B RENESAS-UPD46365092B Datasheet
619Kb / 36P
36M-BIT QDRTM II SRAM 2-WORD BURST OPERATION
Nov 09, 2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com