Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD48576209 Datasheet (PDF) - Renesas Technology Corp

UPD48576209 Datasheet PDF - Renesas Technology Corp
Part # UPD48576209
Download  UPD48576209 Download
File Size   1129.46 Kbytes
Page   53 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 576M-BIT Low Latency DRAM Common I/O

UPD48576209 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD48576209 Datasheet PDF - Renesas Technology Corp

Part # UPD48576209
Download  UPD48576209 Click to download

File Size   1129.46 Kbytes
Page   53 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 576M-BIT Low Latency DRAM Common I/O

UPD48576209 Datasheet (HTML) - Renesas Technology Corp


UPD48576209 Product details

Features
• SRAM-type interface
• Double-data-rate architecture
• PLL circuitry
• Cycle time: 1.875 ns @ tRC = 15 ns
2.5 ns @ tRC = 15 ns
2.5 ns @ tRC = 20 ns
3.3 ns @ tRC = 20 ns
• Non-multiplexed addresses
• Multiplexing option is available.
• Data mask for WRITE commands
• Differential input clocks (CK and CK#)
• Differential input data clocks (DK and DK#)
• Data valid signal (QVLD)
• Programmable burst length: 2 / 4 / 8 (x9 / x18 / x36)
• User programmable impedance output (25 Ω - 60 Ω)
• JTAG boundary scan




Similar Part No. - UPD48576209

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD48576209F1 RENESAS-UPD48576209F1 Datasheet
1Mb / 54P
576M-BIT Low Latency DRAM
UPD48576209F1-E24-DW1-A RENESAS-UPD48576209F1-E24-DW1-A Datasheet
1Mb / 54P
576M-BIT Low Latency DRAM
More results


Similar Description - UPD48576209

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RMHE41A184AGBG RENESAS-RMHE41A184AGBG Datasheet
644Kb / 52P
1.1G-BIT Low Latency DRAM-III Common I/O Burst Length of 4
UPD48288118AF1 RENESAS-UPD48288118AF1 Datasheet
1Mb / 52P
288M-BIT Low Latency DRAM
UPD48576118F1 RENESAS-UPD48576118F1 Datasheet
1Mb / 52P
576M-BIT Low Latency DRAM
UPD48576209F1 RENESAS-UPD48576209F1 Datasheet
1Mb / 54P
576M-BIT Low Latency DRAM
UPD48011318 RENESAS-UPD48011318 Datasheet
1Mb / 51P
1.1G-BIT L ow Latency DRAM-III Common I/O Burst Length of 2
Feb 01, 2013
UPD48011418 RENESAS-UPD48011418 Datasheet
1Mb / 51P
1.1G-BIT Lo w Latency DRAM-III Common I/O Burst Length of 4
Feb 01, 2013
UPD48288118-A RENESAS-UPD48288118-A Datasheet
843Kb / 48P
288M-BIT Low Latency DRAM Separate I/O
Feb 01, 2013
UPD48288209-A RENESAS-UPD48288209-A Datasheet
862Kb / 50P
288M-BIT Low Latency DRAM Common I/O
Feb 01, 2013
UPD48288209A RENESAS-UPD48288209A Datasheet
1Mb / 53P
288M-BIT Low Laten cy DRAM Common I/O
Oct 01, 2012
UPD48576109 RENESAS-UPD48576109 Datasheet
1Mb / 52P
576M-BIT Low Latency DRAM Separate I/O
Oct 01, 2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com