Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD789102 Datasheet (PDF) - Renesas Technology Corp

UPD789102 Datasheet PDF - Renesas Technology Corp
Part # UPD789102
Download  UPD789102 Download
File Size   518.27 Kbytes
Page   62 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUITS

UPD789102 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD789102 Datasheet PDF - Renesas Technology Corp

Part # UPD789102
Download  UPD789102 Click to download

File Size   518.27 Kbytes
Page   62 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUITS

UPD789102 Datasheet (HTML) - Renesas Technology Corp


UPD789102 Product details

FEATURES
· On-chip multiplier: 8 bits ´ 8 bits = 16 bits
· ROM and RAM sizes
· Minimum instruction execution time can be changed from high-speed (0.4 ms) to low-speed (1.6 ms) (@ 5.0-MHz
operation with system clock)
· I/O ports: 20
· Serial interface: 1 channel: Switchable between 3-wire serial I/O and UART modes
· 8-bit resolution A/D converter: 4 channels (mPD789101, 789102, 789104)
· 10-bit resolution A/D converter: 4 channels (mPD789111, 789112, 789114)
· Timers: 3 channels
· 16-bit timer: 1 channel
· 8-bit timer/event counter: 1 channel
· Watchdog timer: 1 channel
· Power supply voltage: VDD = 2.7 to 5.5 V




Similar Part No. - UPD789102

ManufacturerPart #DatasheetDescription
logo
NEC
UPD789102 NEC-UPD789102 Datasheet
1Mb / 44P
8-BIT SINGLE-CHIP MICROCONTROLLER
UPD789102CT NEC-UPD789102CT Datasheet
1Mb / 44P
8-BIT SINGLE-CHIP MICROCONTROLLER
UPD789102GS NEC-UPD789102GS Datasheet
1Mb / 44P
8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Similar Description - UPD789102

ManufacturerPart #DatasheetDescription
logo
NEC
UPD63335 NEC-UPD63335 Datasheet
91Kb / 13P
MOS INTEGRATED CIRCUITS
logo
Renesas Technology Corp
UPD78F9116 RENESAS-UPD78F9116 Datasheet
383Kb / 46P
MOS INTEGRATED CIRCUITS
1998
UPD78F9136 RENESAS-UPD78F9136 Datasheet
393Kb / 46P
MOS INTEGRATED CIRCUITS
1998
UPD16663 RENESAS-UPD16663 Datasheet
476Kb / 42P
MOS INTEGRATED CIRCUITS
1999
UPD63315 RENESAS-UPD63315 Datasheet
433Kb / 46P
MOS INTEGRATED CIRCUITS
2000
UPD63335 RENESAS-UPD63335 Datasheet
539Kb / 58P
MOS INTEGRATED CIRCUITS
2000
UPD703032A RENESAS-UPD703032A Datasheet
513Kb / 54P
MOS INTEGRATED CIRCUITS
2000
UPD703037A RENESAS-UPD703037A Datasheet
508Kb / 54P
MOS INTEGRATED CIRCUITS
2000
UPD784935A RENESAS-UPD784935A Datasheet
692Kb / 104P
MOS INTEGRATED CIRCUITS
2001
UPD789121 RENESAS-UPD789121 Datasheet
487Kb / 54P
MOS INTEGRATED CIRCUITS
1999
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com