Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

55510702 Datasheet (PDF) - Lapp.

55510702 Datasheet PDF - Lapp.
Part # 55510702
Download  55510702 Download
File Size   97.33 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SILVYN® HYGIENIC

55510702 Datasheet (PDF)

Go To PDF Page Download Datasheet
55510702 Datasheet PDF - Lapp.

Part # 55510702
Download  55510702 Click to download

File Size   97.33 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SILVYN® HYGIENIC

55510702 Datasheet (HTML) - Lapp.


55510702 Product details

Technical Features:
Connecting thread M16x1,5 up to M63x1,5 acc. to EN 60423
Nominal width NW 16 up to NW 63
Protection class IP66, IP67, IP68 – 2bar and IP69 acc. to EN 60529
Depending on the used conduit
Temperature range -50°C up to +135°C




Similar Part No. - 55510702

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
55510 MACOM-55510 Datasheet
30Kb / 1P
FERRULE, CABLE, CLAMP SPLIT RING
logo
FCI connector
55510 FCI-CONNECTOR-55510 Datasheet
252Kb / 3P
LPVCC 4.5 TOP ENTRY SMT ASSY
55510-006 FCI-CONNECTOR-55510-006 Datasheet
252Kb / 3P
LPVCC 4.5 TOP ENTRY SMT ASSY
55510-106TRLF FCI-CONNECTOR-55510-106TRLF Datasheet
252Kb / 3P
4.5 TOP ENTRY SMT ASSY
logo
Lapp.
55510000 LAPP-55510000 Datasheet
91Kb / 1P
SILVYN® BMC-M
27.05.2020
More results


Similar Description - 55510702

ManufacturerPart #DatasheetDescription
logo
Lapp.
52003130 LAPP-52003130 Datasheet
124Kb / 2P
SILVYN® SCH
08.05.2018
52005810 LAPP-52005810 Datasheet
91Kb / 2P
SILVYN® USK
04.07.2019
53105110 LAPP-53105110 Datasheet
164Kb / 2P
SKINTOP® HYGIENIC / HYGIENIC-R
15.05.2023
53105300 LAPP-53105300 Datasheet
349Kb / 2P
SKINTOP® HYGIENIC SC
25.11.2021
54114100 LAPP-54114100 Datasheet
312Kb / 2P
SKINTOP® HYGIENIC NPT / HYGIENIC-R NPT
02.12.2021
55502470 LAPP-55502470 Datasheet
123Kb / 2P
SILVYN® MPC
03.07.2018
55502601 LAPP-55502601 Datasheet
111Kb / 2P
SILVYN® US-M EE / SILVYN® US EE
07.03.2019
55502611 LAPP-55502611 Datasheet
108Kb / 2P
SILVYN® US-M AS / SILVYN® US AS
07.03.2019
55506905 LAPP-55506905 Datasheet
121Kb / 2P
SILVYN® FCL
22.12.2020
55507000 LAPP-55507000 Datasheet
89Kb / 1P
SILVYN® FPAC
03.07.2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com